| Electronic Components Datasheet Search |
|
FMMZ5255 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FMMZ5255 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() FMMZ5232 to FMMZ5257 PAGE NO ! SOT23 SILICON VOLTAGE REGULATOR DIODES ISSUE 2 - SEPTEMBER 1995 7 PIN CONFIGURATION PARTMARKING DETAILS: FMMZ5232 8G FMMZ5245 8V FMMZ5233 8H FMMZ5246 8W FMMZ5234 8J FMMZ5247 8X FMMZ5235 8K FMMZ5248 8Y FMMZ5236 8L FMMZ5249 8Z FMMZ5237 8M FMMZ5250 81A FMMZ5238 8N FMMZ5251 81B FMMZ5239 8P FMMZ5252 81C FMMZ5240 8Q FMMZ5253 81D FMMZ5241 8R FMMZ5254 81E FMMZ5242 8S FMMZ5255 81F FMMZ5243 8T FMMZ5256 81G FMMZ5244 8U FMMZ5257 81H ABSOLUTE MAXIMUM RATINGS. PARAMETER SYMBOL VALUE UNIT Voltage Range VZ 5.6 to 33 V Nominal Tolerance C* ± 5% % Forward Current IF 250 mA Power Dissipation at Tamb=25°C Ptot 330 mW Operating and Storage Temperature Range Tj:Tstg -55 to +150 °C * As per Pro-Electron coding system ELECTRICAL CHARACTERISTICS (at Tamb= 25°C). Type No Nominal Zener Voltage VZ@IZT V Test Current IZT mA Max. Zener Impedance Max. Reverse Leakage Current Max. Zener Voltage temperature coefficient VZ(%/°C) ZZT@ IZT Ω ZZT@ IZK =0.25mAΩ IR @ µ A VR VOLTS (A) VR VOLTS (B) FMMZ5232 5.6 20 11 1600 5 2.9 3 +0.038 FMMZ5233 6 20 7 1600 5 3.3 3.5 +0.038 FMMZ5234 6.2 20 7 1000 5 3.8 4 +0.045 FMMZ5235 6.8 20 5 750 3 4.8 5 +0.050 FMMZ5236 7.5 20 6 500 3 5.7 6 +0.058 FMMZ5237 8.2 20 8 500 3 6.2 6.5 +0.062 FMMZ5238 8.7 20 8 600 3 6.2 6.5 +0.065 FMMZ5239 9.1 20 10 600 3 6.7 7 +0.068 FMMZ5240 10 20 17 600 3 7.6 8 +0.075 FMMZ5241 11 20 22 600 2 8 8.4 +0.076 FMMZ5242 12 20 30 600 1 8.7 9.1 +0.077 FMMZ5243 13 9.5 13 600 0.5 9.4 9.9 +0.079 FMMZ5244 14 9 15 600 0.1 9.5 10 +0.082 FMMZ5245 15 8.5 16 600 0.1 10.5 11 +0.082 FMMZ5246 16 7.8 17 600 0.1 11.4 12 +0.083 FMMZ5247 17 7.4 19 600 0.1 12.4 13 +0.084 FMMZ5248 18 7 21 600 0.1 13.3 14 +0.085 FMMZ5249 19 6.6 23 600 0.1 13.3 14 +0.086 FMMZ5250 20 6.2 25 600 0.1 14.3 15 +0.086 FMMZ5251 22 5.6 29 600 0.1 16.2 17 +0.087 FMMZ5252 24 5.2 33 600 0.1 17.1 18 +0.088 FMMZ5253 25 5 35 600 0.1 18.1 19 +0.089 FMMZ5254 27 4.6 41 600 0.1 20 21 +0.090 FMMZ5255 28 4.5 44 600 0.1 20 21 +0.091 FMMZ5256 30 4.2 49 600 0.1 22 23 +0.091 FMMZ5257 33 3.8 58 700 0.1 24 25 +0.092 VF=1.1V max. @ IF=200mA for all types FMMZ5232 to FMMZ5257 1 3 2 SOT23 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |