Electronic Components Datasheet Search
  English  ▼

X  

HPC16083 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16083 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  HPC16083 Datasheet HTML 1Page - National Semiconductor (TI) HPC16083 Datasheet HTML 2Page - National Semiconductor (TI) HPC16083 Datasheet HTML 3Page - National Semiconductor (TI) HPC16083 Datasheet HTML 4Page - National Semiconductor (TI) HPC16083 Datasheet HTML 5Page - National Semiconductor (TI) HPC16083 Datasheet HTML 6Page - National Semiconductor (TI) HPC16083 Datasheet HTML 7Page - National Semiconductor (TI) HPC16083 Datasheet HTML 8Page - National Semiconductor (TI) HPC16083 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLDD8801
PRELIMINARY
April 1994
HPC16083HPC26083HPC36083HPC46083
HPC16003HPC26003HPC36003HPC46003
High-Performance microControllers
General Description
The HPC16083 and HPC16003 are members of the HPCTM
family of High Performance microControllers Each member
of the family has the same core CPU with a unique memory
and IO configuration to suit specific applications The
HPC16083 has 8k bytes of on-chip ROM The HPC16003
has no on-chip ROM and is intended for use with external
direct memory Each part is fabricated in National’s ad-
vanced microCMOS technology This process combined
with an advanced architecture provides fast flexible IO
control efficient data manipulation and high speed compu-
tation
The HPC devices are complete microcomputers on a single
chip All system timing internal logic ROM RAM and IO
are provided on the chip to produce a cost effective solution
for high performance applications On-chip functions such
as UART up to eight 16-bit timers with 4 input capture regis-
ters vectored interrupts WATCHDOGTM logic and MICRO-
WIREPLUSTM provide a high level of system integration
The ability to address up to 64k bytes of external memory
enables the HPC to be used in powerful applications typical-
ly performed by microprocessors and expensive peripheral
chips The term ‘‘HPC16083’’ is used throughout this data-
sheet to refer to the HPC16083 and HPC16003 devices un-
less otherwise specified
The microCMOS process results in very low current drain
and enables the user to select the optimum speedpower
product for his system The IDLE and HALT modes provide
further current savings The HPC is available in 68-pin
PLCC LDCC PGA and 80-Pin PQFP packages
Features
Y
HPC familycore features
16-bit architecture both byte and word
16-bit data bus ALU and registers
64k bytes of external direct memory addressing
FAST200 ns for fastest instruction when using
200 MHz clock 134 ns at 30 MHz
High code efficiencymost instructions are single
byte
16 x 16 multiply and 32 x 16 divide
Eight vectored interrupt sources
Four 16-bit timercounters with 4 synchronous out-
puts and WATCHDOG logic
MICROWIREPLUS serial IO interface
CMOSvery low power with two power save modes
IDLE and HALT
Y
UARTfull duplex programmable baud rate
Y
Four additional 16-bit timercounters with pulse width
modulated outputs
Y
Four input capture registers
Y
52 general purpose IO lines (memory mapped)
Y
8k bytes of ROM 256 bytes of RAM on chip
Y
ROMless version available (HPC16003)
Y
Commercial (0 Cto a70 C)
industrial (b40 Cto
a
85 C) automotive (b40 Cto a105 C) and military
(b55 Cto a125 C) temperature ranges
For applications requiring more RAM and ROM see
HPC16064 data sheet
Block Diagram (HPC16083 with 8k ROM shown)
TLDD8801 – 1
Series 32000
TapePak
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
MOLETM HPCTM COPSTM MICROWIREPLUSTM and WATCHDOGTM are trademarks of National Semiconductor Corporation
UNIX
is a registered trademarks of ATT Bell Laboratories
VAXTM is a trademark of Digital Equipment Corporation
IBM
and PCAT
are registered trademarks of International Business Machines Corporation
SUN
is a registered trademark of Sun Microsystems
SunOSTM is a trademark of Sun Microsystems
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - HPC16083

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC16004 NSC-HPC16004 Datasheet
407Kb / 36P
High-Performance microController
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
High-Performance microController
More results

Similar Description - HPC16083

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F010 MICROCHIP-PIC18F010 Datasheet
2Mb / 176P
High Performance Microcontrollers
2001
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
High Performance 8-bit Microcontrollers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
High-Performance, 16-Bit Microcontrollers
2007
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
High-Performance, 16-bit Microcontrollers
2011
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
High Performance 8-Bit Microcontrollers
logo
Microchip Technology
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com