Electronic Components Datasheet Search
  English  ▼

X  

HPC36003 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC36003
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC36003 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button HPC36003 Datasheet HTML 5Page - National Semiconductor (TI) HPC36003 Datasheet HTML 6Page - National Semiconductor (TI) HPC36003 Datasheet HTML 7Page - National Semiconductor (TI) HPC36003 Datasheet HTML 8Page - National Semiconductor (TI) HPC36003 Datasheet HTML 9Page - National Semiconductor (TI) HPC36003 Datasheet HTML 10Page - National Semiconductor (TI) HPC36003 Datasheet HTML 11Page - National Semiconductor (TI) HPC36003 Datasheet HTML 12Page - National Semiconductor (TI) HPC36003 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
The following is the Military 883 Electrical Specification for HPC16083 and HPC16003 For latest information on RETS 16083X
contact NSC local sales office
DC Electrical Specifications Test Conditions VCC e 5V g10% (Unless Otherwise Specified) (Note 1)
Symbol
Parameter
Conditions
SBGRP 1
SBGRP 2
SBGRP 3
Units
Notes
a
25 C
a
125 C
b
55 C
Min
Max
Min
Max
Min
Max
VIH1
Logical ‘‘1’’ Input
RESET NMI CKI and WO
09
09
09
V
Voltage
B10–B13 B15
(VCC)(VCC)(VCC)
VIH2
All Inputs except Port A
07
07
07
V
(VCC)(VCC)(VCC)
VIH3
Port A VCC e 55V
465
465
465
V
(Note 2)
Port A VCC e 45V
395
395
395
V
(Note 2)
VIL1
Logical ‘‘0’’ Input
RESET NMI CKI and WO
01
01
01
V
Voltage
(VCC)(VCC)(VCC)
VIL2
All Inputs except Port A
02
02
02
V
(VCC)(VCC)(VCC)
VIL3
Port A VCC e 55V
07
07
07
V
(Note 3)
Port A VCC e 45V
05
05
05
V
(Note 3)
VOH2
Logical ‘‘1’’ Output
IOH eb7mA(A0–A15
24
24
24
V
Voltage
B10–B12 B15 CK2)
VOH3
IOH3 eb16 mA (B0–B9 B13–B14
24
24
24
V
P0–P3) WO (Open Drain)
VOH4
IOH eb6 mA (ST1 ST2)
24
24
24
V
VOH5
IOH eb1mA(A0–A15 B10–B12 B15)
When Used as an External
24
24
24
V
AddressData Bus
VOL2
Logical ‘‘0’’ Output
IOL e 3 mA (CK2 A0–A15 B10-B12 B15)
04
04
04
V
VOL3
Voltage
IOL e 05 mA (B0–B9 B13-B14 P0–P3
04
04
04
V
WO (Open Drain)
VOL4
IOL e 16 mA (ST1 ST2)
04
04
04
V
VOL5
IOL e 3mA(A0–A15 B10–B12 B15)
When Used as an External
04
04
04
V
AddressData Bus
IOZ
TRI-STATE Leakage VSS s VIN s VCC (WO Port A
g
5
g
5
g
5
m
A
Port B) VCC e 55V
ILI1
Input Leakage
VSS s VIN s VCC VCC e 55V
Current
(I1–I6 D0–D7 CKI
g
2
g
2
g
2
m
A
(Note 7)
RESET EXM EI)
ILI2
Input Pullup Current
VIN e 0(I0 I7 RDYHLD
b
50
b
3
b
50
b
3
b
50
b
3
m
A
(Note 7)
EXUI) VCC e 55V
ILI3
Port B12 Pulldown
VIN e VCC Port B12
171717
mA
during Reset
VCC e 55V
VRAM
RAM Keep Alive
Test Duration is 10 ms
25
25
25
V
Voltage
ICC1
Supply Current
FIN e 20 MHz RESET e VSS
55
55
55
mA
Dynamic
IOH e 0 mA IOL e 0 mA VCC e 55V
ICC2
Idle Mode Current
FIN e 20 MHz External Clock
35
35
35
mA
ICC
Halt Mode Current
NMI e VCC
222
mA
CIO
InputOutput
ftest e 10 MHz
20
pF
(Note 4)
Capacitance
IO Pin to Ground
SBGRP4
CI
Input Capacitance
ftest e 10 MHz
10
pF
(Note 4)
Input Pin to Ground
Note 1
Electrical end point testing (when required) for GroupsCD shall consist only of subgroups 1 2 9 and 10
Note 2
Port A VIH test limit includes 700 mV offset caused by output loads being on during Data Drive Time
Note 3
Port A VIL test limit includes 400 mV offset caused by output loads being on during Data Drive Time
Note 4
Verified at initial qual only
Note 7
Future revisions of this device will not have pullups on pins I0 I7 which will be tested to ILI1 conditions
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com