Electronic Components Datasheet Search
  English  ▼

X  

F13381 Datasheet(PDF) 2 Page - Cree, Inc

Part # F13381
Description  ANGELA series
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

F13381 Datasheet(HTML) 2 Page - Cree, Inc

  F13381 Datasheet HTML 1Page - Cree, Inc F13381 Datasheet HTML 2Page - Cree, Inc F13381 Datasheet HTML 3Page - Cree, Inc F13381 Datasheet HTML 4Page - Cree, Inc F13381 Datasheet HTML 5Page - Cree, Inc F13381 Datasheet HTML 6Page - Cree, Inc F13381 Datasheet HTML 7Page - Cree, Inc F13381 Datasheet HTML 8Page - Cree, Inc F13381 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
PRODUCT DATASHEET
ANGELA series
last update 6/3/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Soleriq S15
sim: 36
Wide
sim: 89 % sim: 1.954 TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L9 G4 standard
30 deg
Wide
84 %
1.800
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L13 G4 standard
32 deg
Wide
84 %
1.700
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L15 G4 standard
34 deg
Wide
84 %
1.600
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L19 G4 standard
37 deg
Wide
83 %
1.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 9 Standard
30 deg
Wide
83 %
1.800
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 9 Standard
30 deg
Wide
83 %
1.800
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
34 deg
Wide
81 %
1.560
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 19 Standard
37 deg
Wide
80 %
1.430
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 13 Standard
33 deg
Wide
82 %
1.700
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM 1211 L19 G6 Standard
37 deg
Wide
82 %
1.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LC026B/LC040B
36 deg
Wide
84 %
1.500
TE: 2213258-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LC040C
33 deg
Wide
82 %
1.600
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
MJT COB LES 14.5
37 deg
Wide
82 %
1.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
STARK SLE G3 LES19
36 deg
Wide
84 %
1.560
TE: OPTIC CLIP Z50 TYPE1 2213194-1
STARK SLE G3 LES23
39 deg
Wide
84 %
1.440
TE: OPTIC CLIP Z50 TYPE1 2213194-1
SLE G4 LES23 H
38 deg
Wide
84 %
1.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
SLE G4 LES19 H
32 deg
Wide
82 %
1.700
TE: OPTIC CLIP Z50 TYPE1 2213194-1
SLE G5 LES15
34 deg
Wide
83 %
1.630
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G5 LES19 H
36 deg
Wide
80 %
1.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
SLE G5 LES23 H
39 deg
Wide
83 %
1.440
TE: OPTIC CLIP Z50 TYPE1 2213194-1
SLE G6 LES15
sim: 35
Wide
sim: 88 % sim: 2.200 TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G6 LES17
sim: 36
Wide
sim: 90 % sim: 2.190 TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-461
37 deg
Wide
84 %
1.600
TE: OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-462
41 deg
Wide
83 %
1.440
TE: OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-464
41 deg
Wide
83 %
1.440
TE: OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-484
35 deg
Wide
83 %
1.570
TE: OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-485
39 deg
Wide
83 %
1.430
TE: OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-486
39 deg
Wide
83 %
1.430
TE: OPTIC CLIP Z50 TYPE1 2213194-1
May 30th 2017 4:34 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com