Electronic Components Datasheet Search
  English  ▼

X  

F13841 Datasheet(PDF) 2 Page - Cree, Inc

Part # F13841
Description  ANGELA series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

F13841 Datasheet(HTML) 2 Page - Cree, Inc

  F13841 Datasheet HTML 1Page - Cree, Inc F13841 Datasheet HTML 2Page - Cree, Inc F13841 Datasheet HTML 3Page - Cree, Inc F13841 Datasheet HTML 4Page - Cree, Inc F13841 Datasheet HTML 5Page - Cree, Inc F13841 Datasheet HTML 6Page - Cree, Inc F13841 Datasheet HTML 7Page - Cree, Inc F13841 Datasheet HTML 8Page - Cree, Inc F13841 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
PRODUCT DATASHEET
ANGELA series
last update 6/3/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Soleriq S19
72 deg
Wide
94 %
0.640
BJB: 47.319.2170
Soleriq S19
72 deg
Wide
93 %
0.640
A.A.G. STUCCHI: 8503/G2
Soleriq P13
73 deg
Wide
94 %
0.640
A.A.G. STUCCHI: 8502/G2
Soleriq S13 Gen2
73 deg
Wide
93 %
0.630
BJB: 47.319.2021
Soleriq S15
sim: 72
Wide
sim: 86 % sim: 0.610 BJB: 47.319.2021
COB D Series LES 22 mm
sim: 71
Wide
sim: 85 % sim: 0.640 BJB: 47.319.2030
COB D Series LES 14.5 mm
73 deg
Wide
93 %
0.640
A.A.G. STUCCHI: 8101/G2
ZC12/18
72 deg
Wide
93 %
0.660
A.A.G. STUCCHI: 8101/G2
ZC25/40
71 deg
Wide
93 %
0.640
A.A.G. STUCCHI: 8102/G2
Mega Zenigata (GW6DME)
72 deg
Wide
94 %
0.700
BJB: 47.319.2011
Mega Zenigata (GW6DME)
73 deg
Wide
94 %
0.640
A.A.G. STUCCHI: 8301/G2
STARK SLE PURE G3 LES17
73 deg
Wide
93 %
0.640
A.A.G. STUCCHI: 8101/G2
SLE G4 LES23 H
71 deg
Wide
93 %
0.640
-
SLE G4 LES19 H
71 deg
Wide
93 %
0.650
-
SLE G5 LES15
73 deg
Wide
94 %
0.650
BJB: 47.319.2021
SLE G5 LES19 H
71 deg
Wide
93 %
0.650
-
SLE G5 LES23 H
71 deg
Wide
93 %
0.650
-
May 30th 2017 4:53 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com