Electronic Components Datasheet Search
  English  ▼

X  

FN13323 Datasheet(PDF) 2 Page - Cree, Inc

Part # FN13323
Description  STELLA series
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN13323 Datasheet(HTML) 2 Page - Cree, Inc

  FN13323 Datasheet HTML 1Page - Cree, Inc FN13323 Datasheet HTML 2Page - Cree, Inc FN13323 Datasheet HTML 3Page - Cree, Inc FN13323 Datasheet HTML 4Page - Cree, Inc FN13323 Datasheet HTML 5Page - Cree, Inc FN13323 Datasheet HTML 6Page - Cree, Inc FN13323 Datasheet HTML 7Page - Cree, Inc FN13323 Datasheet HTML 8Page - Cree, Inc FN13323 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
PRODUCT DATASHEET
STELLA series
last update 26/9/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Soleriq S19
Asymmetric degAsymmetric 90 %
0.500
-
Soleriq S13
Asymmetric degAsymmetric 91 %
0.700
-
Soleriq P13
asymmetric degAsymmetric 90 %
0.610
-
Soleriq P13
Asymmetric degAsymmetric 94 %
0.660
Bender Wirth: 437 Typ L1
Soleriq S13
Asymmetric degAsymmetric 92 %
0.690
Bender Wirth: 437 Typ L1
Soleriq P9
asymmetric degAsymmetric 88 %
0.900
Bender Wirth: 461 Typ L1
Mega Zenigata (GW6DME)
asymmetric degAsymmetric 90 %
0.570
-
SLE G5 LES15
Asymmetric degAsymmetric 86 %
0.600
-
May 30th 2017 3:49 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com