Electronic Components Datasheet Search
  English  ▼

X  

FN14253 Datasheet(PDF) 1 Page - Cree, Inc

Part # FN14253
Description  STELLA series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN14253 Datasheet(HTML) 1 Page - Cree, Inc

  FN14253 Datasheet HTML 1Page - Cree, Inc FN14253 Datasheet HTML 2Page - Cree, Inc FN14253 Datasheet HTML 3Page - Cree, Inc FN14253 Datasheet HTML 4Page - Cree, Inc FN14253 Datasheet HTML 5Page - Cree, Inc FN14253 Datasheet HTML 6Page - Cree, Inc FN14253 Datasheet HTML 7Page - Cree, Inc FN14253 Datasheet HTML 8Page - Cree, Inc FN14253 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PRODUCT DATASHEET
STELLA series
last update 1/12/2016
DETAILS
Product Number
FN14253_STELLA-A
Family
STELLA
Type
Pack
Color
white
Diameter
90 mm
Height
22 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
1/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO13
Asymmetric degAsymmetric 92 %
0.660
-
VERO18
Asymmetric degAsymmetric 92 %
0.500
-
V10 Gen7
sim: AsymmetricAsymmetric sim: 89 % sim: 0.560 Bender Wirth: 434 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 89 % sim: 0.555 Bender Wirth: 477 Typ L1
V18 Gen7
sim: AsymmetricAsymmetric sim: 88 % sim: 0.380 -
CLL03x/CLU03x
Asymmetric degAsymmetric 92 %
0.616
-
CLU730/731
sim: AsymmetricAsymmetric sim: 90 % -
-
CLL03x/CLU03x
Asymmetric degAsymmetric 92 %
0.580
Bender Wirth: 433 Typ L1
CLU720/721
Asymmetric degAsymmetric 93 %
0.770
Bender Wirth: 433 Typ L1
CXA/B 15xx
Asymmetric degAsymmetric 92 %
1.100
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 91 %
0.680
Bender Wirth: 437 Typ L1
CXA/B 25xx
Asymmetric degAsymmetric 93 %
0.490
-
CXA/B 15xx
Asymmetric degAsymmetric 92 %
0.850
Bender Wirth: 441 Typ L1
LUXEON CoB 1208
Asymmetric degAsymmetric -
0.300
-
LUXEON CoB 1202/1203
asymmetric degAsymmetric 91 %
0.920
Bender Wirth: 438 Typ L1
COB L-Type (LES 9)
Asymmetric degAsymmetric 92 %
0.960
Bender Wirth: 438 Typ L1
COB L-Type (LES 11)
Asymmetric degAsymmetric 91 %
0.710
Bender Wirth: 438 Typ L1
Soleriq S13
Asymmetric degAsymmetric 87 %
0.700
-
Soleriq S19
Asymmetric degAsymmetric -
-
-
Soleriq P13
asymmetric degAsymmetric 94 %
0.660
Bender Wirth: 437 Typ L1
Soleriq S13
Asymmetric degAsymmetric 93 %
0.690
Bender Wirth: 437 Typ L1
Soleriq P9
asymmetric degAsymmetric 90 %
0.900
Bender Wirth: 461 Typ L1
May 30th 2017 3:57 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN14253

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN14253 LEDIL-FN14253 Datasheet
6Mb / 10P
Type ll and lll beam for street lighting.
More results

Similar Description - FN14253

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14412 CREE-FCN14412 Datasheet
696Kb / 7P
STELLA series
FCN14661 CREE-FCN14661 Datasheet
458Kb / 3P
STELLA series
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
FN14645 CREE-FN14645 Datasheet
2Mb / 39P
STELLA series
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
FN15187 CREE-FN15187 Datasheet
1Mb / 15P
STELLA series
logo
Ledil, Inc.
FN14074 LEDIL-FN14074 Datasheet
2Mb / 48P
Stella series
FN14720 LEDIL-FN14720 Datasheet
3Mb / 64P
Stella series
FN15264 LEDIL-FN15264 Datasheet
3Mb / 58P
Stella series
FN15379 LEDIL-FN15379 Datasheet
3Mb / 54P
Stella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com