Electronic Components Datasheet Search
  English  ▼

X  

FN14645 Datasheet(PDF) 1 Page - Cree, Inc

Part # FN14645
Description  STELLA series
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN14645 Datasheet(HTML) 1 Page - Cree, Inc

  FN14645 Datasheet HTML 1Page - Cree, Inc FN14645 Datasheet HTML 2Page - Cree, Inc FN14645 Datasheet HTML 3Page - Cree, Inc FN14645 Datasheet HTML 4Page - Cree, Inc FN14645 Datasheet HTML 5Page - Cree, Inc FN14645 Datasheet HTML 6Page - Cree, Inc FN14645 Datasheet HTML 7Page - Cree, Inc FN14645 Datasheet HTML 8Page - Cree, Inc FN14645 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PRODUCT DATASHEET
STELLA series
last update 2/2/2017
DETAILS
Product Number
FN14645_STELLA-T4
Family
STELLA
Type
Pack
Color
black
Diameter
90 mm
Height
26,9 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
2/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO18
sim: AsymmetricStreetligh...
sim: 91 % -
-
V10 Gen7
sim: AsymmetricStreetligh...
sim: 94 % sim: 0.510 Bender Wirth: 434 Typ Z1
V22 Gen7
sim: asym
Streetligh...
sim: 94 % sim: 0.516 Bender Wirth: 431 Typ Z1
V18 Gen7
sim: AsymmetricStreetligh...
sim: 94 % sim: 0.510 -
V13 Gen7
sim: AsymmetricStreetligh...
sim: 95 % sim: 0.495 Bender Wirth: 477 Typ Z1
CLL03x/CLU03x
sim: AsymmetricStreetligh...
sim: 93 % -
-
CLL04x/CLU04x
asymmetric degStreetligh...
91 %
0.470
-
CLL04x/CLU04x
sim: Asym
Streetligh...
sim: 91 % sim: 0.500 Bender Wirth: 431 Typ Z1
CXA/B 25xx
sim: AsymmetricStreetligh...
sim: 92 % -
-
CXA/B 1830
sim: AsymmetricStreetligh...
sim: 93 % -
-
CXA/B 30xx
sim: AsymmetricStreetligh...
-
-
-
LUXEON CoB 1211
Asymmetric degStreetligh...
92 %
0.500
-
LUXEON CoB 1208
Asymmetric degStreetligh...
93 %
0.500
-
LUXEON CoB 1216
Asym deg
Streetligh...
92 %
0.480
-
CXM-14
asymmetric degStreetligh...
94 %
0.500
-
CXM-18
asymmetric degStreetligh...
94 %
0.500
-
CXM-22
sim: Asym
Streetligh...
sim: 91 % sim: 0.490 Bender Wirth: 431 Typ Z1
Soleriq P9
asymmetric degStreetligh...
94 %
0.710
-
Soleriq S13
asymmetric degStreetligh...
93 %
0.530
-
Soleriq P13
asymmetric degStreetligh...
93 %
0.490
-
Soleriq S19
asymmetric degStreetligh...
93 %
0.490
-
MJT COB LES 22
Asymmetric degStreetligh...
89 %
0.490
Bender Wirth: 431 Typ Z1
MJT COB LES 14.5
asym deg
Streetligh...
90 %
0.600
Bender Wirth: 433 Typ Z1
SLE G5 LES15
Asymmetric degStreetligh...
91 %
0.500
-
May 30th 2017 4:46 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN14645

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN14645 LEDIL-FN14645 Datasheet
4Mb / 11P
IESNA Type IV for wider roads and area lighting like car parks and gardens.
More results

Similar Description - FN14645

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14412 CREE-FCN14412 Datasheet
696Kb / 7P
STELLA series
FCN14661 CREE-FCN14661 Datasheet
458Kb / 3P
STELLA series
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
FN14253 CREE-FN14253 Datasheet
1Mb / 29P
STELLA series
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
FN15187 CREE-FN15187 Datasheet
1Mb / 15P
STELLA series
logo
Ledil, Inc.
FN14074 LEDIL-FN14074 Datasheet
2Mb / 48P
Stella series
FN14720 LEDIL-FN14720 Datasheet
3Mb / 64P
Stella series
FN15264 LEDIL-FN15264 Datasheet
3Mb / 58P
Stella series
FN15379 LEDIL-FN15379 Datasheet
3Mb / 54P
Stella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com