Electronic Components Datasheet Search
  English  ▼

X  

IL324D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL324D
Description  Low Power Quad Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL324D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL324D Datasheet HTML 1Page - List of Unclassifed Manufacturers IL324D Datasheet HTML 2Page - List of Unclassifed Manufacturers IL324D Datasheet HTML 3Page - List of Unclassifed Manufacturers IL324D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IL324
3
DC ELECTRICAL CHARACTERISTICS(T
A=0 to +70°C)
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIO
Maximum Input Offset
Voltage
VO=1.4V VCC=5.0-30V;RS=0Ω
VICM=0V to VCC-1.7V
9.0
mV
∆V
IO/∆T
Input Offset Voltage
Drift
RS=0Ω, VCC=30V
7.0
µV/°C
IIO
Maximum Input Offset
Current
VCC=5.0V
150
nA
∆I
IO/∆T
Input Offset Current Drift
RS=0Ω, VCC=30V
10
pA/
°C
IIB
Maximum Input Bias
Current
VCC=5.0V
-500
nA
VICR
Input Common Mode
Voltage Range
VCC=30V
0
28
V
ICC
Maximum Power Supply
Current
RL=∞,VCC=30V,V0=0V
RL=∞,VCC=5V,V0=0V
3
1.2
mA
AVOL
Minimum Large Signal
Open-Loop Voltage Gain
VCC=15V, RL≥2KΩ
15
V/mV
VOH
Minimum Output High-
Level Voltage Swing
VCC=30V,RL=2KΩ
VCC=30V,RL=10KΩ
26
27
V
VOL
Maximum Output Low-
Level Voltage Swing
VCC=5V,RL=10KΩ
20
mV
CMR
Common Mode Rejection VCC=30V, RS=10KΩ
65*
dB
PSR
Power Supply Rejection
VCC=30V
65
dB
CS
Channel Separation
f=1KHz to 20KHz,VCC=30V
-120*
dB
ISC
Maximum Output Short
Circuit to GND
VCC=5.0V
60*
mA
Isource
Minimum Output Source
Current
VIN+=1V, VIN-=0V, VCC=15V,
V0=0V
10
mA
Isink
Minimum Output Sink
Current
VIN+=0V, VIN-=1V, VCC=15V,
V0=15V
VIN+=0V, VIN-=1V, VCC=15V,
V0=0.2V
5
12*
mA
µA
VIDR
Differential Input
Voltage Range
All VIN≥GND or V-Supply (if
used)
VCC*V
*=@25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com