Electronic Components Datasheet Search
  English  ▼

X  

AD7291BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7291BCPZ
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7291BCPZ Datasheet HTML 15Page - Analog Devices AD7291BCPZ Datasheet HTML 16Page - Analog Devices AD7291BCPZ Datasheet HTML 17Page - Analog Devices AD7291BCPZ Datasheet HTML 18Page - Analog Devices AD7291BCPZ Datasheet HTML 19Page - Analog Devices AD7291BCPZ Datasheet HTML 20Page - Analog Devices AD7291BCPZ Datasheet HTML 21Page - Analog Devices AD7291BCPZ Datasheet HTML 22Page - Analog Devices AD7291BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7291
Data Sheet
Rev. C | Page 18 of 28
Table 12. Channel Selection Bits for Command Register
D15
D14
D13
D12
D11
D10
D9
D8
Selected Analog Input Channel
Comments
0
0
0
0
0
0
0
0
No channel selected
If more than one channel is
selected, the AD7291 converts the
selected channels starting with the
lowest channel in the sequence.
0
0
0
0
0
0
0
1
Convert on Channel 7 (VIN7)
0
0
0
0
0
0
1
0
Convert on Channel 6 (VIN6)
0
0
0
0
0
1
0
0
Convert on Channel 5 (VIN5)
0
0
0
0
1
0
0
0
Convert on Channel 4 (VIN4)
0
0
0
1
0
0
0
0
Convert on Channel 3 (VIN3)
0
0
1
0
0
0
0
0
Convert on Channel 2 (VIN2)
0
1
0
0
0
0
0
0
Convert on Channel 1 (VIN1)
1
0
0
0
0
0
0
0
Convert on Channel 0 (VIN0)
Table 13. TSENSE Data Format
Input
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
Value (°C)
−512
+256
+128
+64
+32
+16
+8
+4
+2
+1
+0.5
+0.25
Sample Delay and Bit Trial Delay
Ideally, no I2C bus activity must occur while an ADC conversion is
taking place. However, this cannot be possible, for example, when
operating in autocycle mode. It is therefore recommended to
enable the noise delayed bit trial and sampling function by writing
a 1 to Bit D5 in the command register. This mechanism delays
critical sample intervals and bit trials while there is activity on
the I2C bus. This results in a quiet period for each bit decision,
and conversion results are less susceptible to interference from
external noise.
On power-up, the bit trial and sample interval delay mechanism
is not enabled. It is recommended that this feature must be
enabled for normal operation. When enabled, the AD7291
delays the bit trials, mitigating against the effect of activity on
the I2C bus. In cases where there is excessive activity on the
interface lines, enabling these bits can cause the overall
conversion time to increase.
The AD7291 also incorporates functionality that allows it to
reject glitches shorter than 50 ns. This feature improves the
noise susceptibility of the device.
VOLTAGE CONVERSION RESULT REGISTER (0x01)
The voltage conversion result register is a 16-bit read-only
register that stores the conversion result from the ADC in
straight binary format. A 2-byte read is necessary to read data
from this register. Table 14 and Table 15 show the contents of
the first and second bytes of data to be read from the AD7291.
Each AD7291 conversion result consists of four channel address
bits (see Table 14 and Table 15) and the 12-bit data result.
Bit D15 to Bit D12 are the channel address bits that identify
the ADC channel that corresponds to the subsequent result.
Bit D11 to Bit D0 contain the most recent ADC result.
Table 14. Conversion Value Register (First Read)
MSB
D15
D14
D13
D12
D11
D10
D9
D8
ADD3
ADD2
ADD1
ADD0
B11
B10
B9
B8
Table 15. Conversion Value Register (Second Read)
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
Table 16. Channel Address Bits for the Result Register
ADD2
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
0
VIN0
0
0
0
1
VIN1
0
0
1
0
VIN2
0
0
1
1
VIN3
0
1
0
0
VIN4
0
1
0
1
VIN5
0
1
1
0
VIN6
0
1
1
1
VIN7
1
0
0
0
TSENSE
1
0
0
1
TSENSE average result
Temperature Value Format
The temperature reading from the ADC is stored in an 11-bit
twos complement format, D11 to D0, to accommodate both
positive and negative temperature measurements. The tem-
perature data format is provided in Table 13.
TSENSE CONVERSION RESULT REGISTER (0x02)
The TSENSE result register is a 16-bit read-only register used to
store the ADC data generated from the internal temperature
sensor. This register stores the temperature readings from the
ADC in a 12-bit twos complement format, D11 to D0, and
uses Bit D15 to Bit D12 to store the channel address bits.
Conversions take place approximately every 5 ms. Table 13
details the temperature data format that applies to the internal
temperature sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com