Electronic Components Datasheet Search
  English  ▼

X  

MDF8N60 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF8N60
Description  N-Channel MOSFET 600V, 8A, 1.0(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF8N60 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF8N60 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF8N60 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF8N60 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF8N60 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF8N60 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF8N60 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Nov2009. Version 2.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
600
V
Drain-Source Voltage @ Tjmax
VDSS @ Tjmax
660
V
Gate-Source Voltage
VGSS
±30
V
TC=25
oC
8.0
A
Continuous Drain Current (※)
TC=100
oC
ID
4.9
A
Pulsed Drain Current
(1)
IDM
32
A
TC=25
oC
46
Power Dissipation
Derate above 25
oC
PD
0.37
W
W/
oC
Repetitive Avalanche Energy EAR
(1)
EAR
4.6
mJ
Peak Diode Recovery dv/dt
(3)
Dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
320
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
(1)
RθJC
2.71
oC/W
MDF8N60
N-Channel MOSFET 600V, 8A, 1.0Ω
General Description
The
MDF8N60
uses
advanced
MagnaChip’s
MOSFET
Technology, which provides low on-state resistance, high
switching performance and excellent quality.
MDF8N60 is suitable device for SMPS, high Speed switching
and general purpose applications.
Features
VDS = 600V
VDS = 660V
@ Tjmax
ID = 8.0A
@ VGS = 10V
RDS(ON) ≤ 1.0
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
S
D
G


Similar Part No. - MDF8N60

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF8N60B MGCHIP-MDF8N60B Datasheet
840Kb / 6P
N-Channel MOSFET 600V, 8A, 1.05(ohm)
MDF8N60BTH MGCHIP-MDF8N60BTH Datasheet
840Kb / 6P
N-Channel MOSFET 600V, 8A, 1.05(ohm)
logo
Inchange Semiconductor ...
MDF8N60BTH ISC-MDF8N60BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
MDF8N60TH ISC-MDF8N60TH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF8N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT8N60 AOSMD-AOT8N60 Datasheet
183Kb / 6P
600V, 8A N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFP8N60 TAK_CHEONG-TFP8N60 Datasheet
762Kb / 8P
N-Channel Power MOSFET 8A, 600V, 1.0廓
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
8A, 600V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF8N60B MGCHIP-MDF8N60B Datasheet
840Kb / 6P
N-Channel MOSFET 600V, 8A, 1.05(ohm)
MDP8N60 MGCHIP-MDP8N60 Datasheet
997Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
600V, 8A N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
KNX4760A KIA-KNX4760A Datasheet
341Kb / 7P
8A 600V N-CHANNEL MOSFET
logo
Renesas Technology Corp
N6008NZ RENESAS-N6008NZ Datasheet
260Kb / 8P
N-channel MOSFET 600V, 8A, 0.75Ω
Feb 18, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com