Electronic Components Datasheet Search
  English  ▼

X  

MDF11N65BTH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF11N65BTH
Description  N-Channel MOSFET 650V, 12A, 0.65(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF11N65BTH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF11N65BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF11N65BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF11N65BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF11N65BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF11N65BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF11N65BTH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Aug 2011 Version 1.1
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
12*
A
TC=100
oC
7.7*
A
Pulsed Drain Current
(1)
IDM
48*
A
Power Dissipation
TC=25
oC
PD
49.6
W
Derate above 25
oC
0.4
W/
oC
Repetitive Avalanche Energy
(1)
EAR
18.1
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
750
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
2.52
MDF11N65B
N-Channel MOSFET 650V, 12A, 0.65
General Description
These N-channel MOSFET are produced using advanced
MagnaChip’s MOSFET Technology, which provides low on-
state resistance, high switching performance and excellent
quality.
These devices are suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 650V
ID = 12A
@ VGS = 10V
RDS(ON) ≤ 0.65
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
TO-220F
MDF Series


Similar Part No. - MDF11N65BTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF11N65BTH ISC-MDF11N65BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF11N65BTH

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
12A, 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
Alpha & Omega Semicondu...
AOT12N65 AOSMD-AOT12N65 Datasheet
160Kb / 6P
650V, 12A N-Channel MOSFET
AOW12N65 AOSMD-AOW12N65 Datasheet
246Kb / 6P
650V, 12A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDFS11N65B MGCHIP-MDFS11N65B Datasheet
895Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
logo
Alpha & Omega Semicondu...
AOB12N65L AOSMD-AOB12N65L Datasheet
385Kb / 6P
650V, 12A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF12N65F SILAN-SVF12N65F Datasheet
403Kb / 10P
12A, 650V N-CHANNEL MOSFET
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com