Electronic Components Datasheet Search
  English  ▼

X  

MDF12N50TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF12N50TH
Description  N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF12N50TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF12N50TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF12N50TH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dec 2009. Version 1.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
TC=25
oC
11.5
A
Continuous Drain Current (※)
TC=100
oC
ID
7.0
A
Pulsed Drain Current
(1)
IDM
46
A
TC=25
oC
42
Power Dissipation
Derate above 25
oC
PD
0.32
W
W/
oC
Peak Diode Recovery dv/dt
(3)
Dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
460
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
(1)
RθJC
3.0
oC/W
MDF12N50
N-Channel MOSFET 500V, 11.5 A, 0.65Ω
General Description
The MDF12N50 uses advanced MagnaChip’s MOSFET
Technology, which provides low on-state resistance, high
switching performance and excellent quality.
MDF12N50 is suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 500V
ID = 11.5A
@ VGS = 10V
RDS(ON) ≤ 0.65
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
S
D
G


Similar Part No. - MDF12N50TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF12N50TH ISC-MDF12N50TH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF12N50TH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.65廓
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
logo
MagnaChip Semiconductor...
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com