Electronic Components Datasheet Search
  English  ▼

X  

MDF1903 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF1903
Description  Single N-channel Trench MOSFET 100V, 12A, 110m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1903 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF1903 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1903 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1903 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1903 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1903 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1903 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mar. 2016. Version 1.1
MagnaChip Semiconductor Ltd.
1
ㄹ
Absolute Maximum Ratings (Tc = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC
ID
12
A
TC=70
oC
9.6
Pulsed Drain Current
IDM
40
A
Power Dissipation
TC=25
oC
PD
33.8
W
TC=70
oC
21.7
Single Pulse Avalanche Energy
(2)
EAS
25.9
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
RθJC
3.7
MDF1903
Single N-channel Trench MOSFET 100V, 12A, 110m
Ω
D
G
S
Features
VDS = 100V
ID = 12A @VGS = 10V
RDS(ON) (MAX)
< 110m
Ω @VGS = 10V
< 115m
Ω @VGS = 6.0V
100% UIL Tested
General Description
The MDF1903 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality.
MDF1903 is suitable device for DC to DC
converter and general purpose applications.
G D S


Similar Part No. - MDF1903

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF1921 MGCHIP-MDF1921 Datasheet
985Kb / 6P
Single N-channel Trench MOSFET 100V, 60A, 4.8m(ohm)
MDF1921TH MGCHIP-MDF1921TH Datasheet
985Kb / 6P
Single N-channel Trench MOSFET 100V, 60A, 4.8m(ohm)
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDF1922TH MGCHIP-MDF1922TH Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDF1933 MGCHIP-MDF1933 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 43A, 7.5m(ohm)
More results

Similar Description - MDF1903

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDP1922 MGCHIP-MDP1922 Datasheet
929Kb / 6P
Single N-channel Trench MOSFET 100V, 97A, 8.4m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1903 MGCHIP-MDS1903 Datasheet
831Kb / 6P
Single N-channel Trench MOSFET 100V, 3.3A, 110m(ohm)
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
MDV10N1K1 MGCHIP-MDV10N1K1 Datasheet
948Kb / 5P
Single N-channel Trench MOSFET 100V, 12.3A, 110m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com