Electronic Components Datasheet Search
  English  ▼

X  

1070821 Datasheet(PDF) 2 Page - SICK AG

Part # 1070821
Description  SENSORS FOR T-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1070821 Datasheet(HTML) 2 Page - SICK AG

  1070821 Datasheet HTML 1Page - SICK AG 1070821 Datasheet HTML 2Page - SICK AG 1070821 Datasheet HTML 3Page - SICK AG 1070821 Datasheet HTML 4Page - SICK AG 1070821 Datasheet HTML 5Page - SICK AG 1070821 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT7-03VPS-KR0 | MZT7
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT7-03VPS-KR0
1070821
Other models and accessories
www.sick.com/MZT7
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
29.5 mm
Output type
PNP
Switching frequency
1,000 Hz
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP65, IP67 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Power consumption
≤ 8 mA 2)
Voltage drop
≤ 2 V
Continuous current Ia
≤ 100 mA
Protection class
III
Response sensitivity, typ.
3 mT
Overrun distance, typ.
10 mm
Hysteresis, typ.
< 0.8 mT
Reproducibility
≤ 0.1 mT 3)
Status indicator LED
✔
Reverse polarity protection
✔
Short-circuit protection
✔
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) Without load.
3) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com