Electronic Components Datasheet Search
  English  ▼

X  

MDP5N50TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDP5N50TH
Description  N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP5N50TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDP5N50TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP5N50TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP5N50TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP5N50TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP5N50TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP5N50TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Sep 2011. Version 1.2
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
5.0
A
TC=100
oC
3.2
A
Pulsed Drain Current
(1)
IDM
20
A
Power Dissipation
TC=25
oC
PD
93
W
Derate above 25
oC
0.74
W/
oC
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
230
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
1.35
MDP5N50
N-Channel MOSFET 500V, 5.0 A, 1.4
Ω
General Description
The MDP5N50 uses advanced Magnachip
’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDP5N50 is suitable device for SMPS, HID and
general purpose applications.
Features
 VDS = 500V
 ID = 5.0A
@VGS = 10V
 RDS(ON) ≤ 1.4Ω
@VGS = 10V
Applications
 Power Supply
 PFC
 Ballast


Similar Part No. - MDP5N50TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP5N50TH ISC-MDP5N50TH Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDP5N50TH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
N-Channel MOSFET 500V, 5A, 1.4廓
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
N-Channel MOSFET 500V, 4A, 1.4廓
logo
MagnaChip Semiconductor...
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MMD70R1K4P MGCHIP-MMD70R1K4P Datasheet
1Mb / 10P
700V 1.4(ohm) N-channel MOSFET
MMHS70R1K4P MGCHIP-MMHS70R1K4P Datasheet
471Kb / 7P
700V 1.4(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com