Electronic Components Datasheet Search
  English  ▼

X  

IXFH67N10 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH67N10
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH67N10 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH67N10 Datasheet HTML 1Page - IXYS Corporation IXFH67N10 Datasheet HTML 2Page - IXYS Corporation IXFH67N10 Datasheet HTML 3Page - IXYS Corporation IXFH67N10 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
100
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
67N10
67
A
75N10
75
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
67N10
268
A
75N10
300
A
I
AR
T
C
= 25
°C
67N10
67
A
75N10
75
A
E
AR
T
C
= 25
°C30
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J £ 150°C, RG = 2 W
P
D
T
C
= 25
°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
TO-247 AD (IXFH)
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM Family
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250 mA
100
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.0
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100 nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C
250
mA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
67N10
0.025
W
75N10
0.020
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
TO-204 AE (IXFM)
V
DSS
I
D25
R
DS(on)
IXFH/IXFM 67 N10
100 V
67 A
25 m
W
IXFH/IXFM 75 N10
100 V
75 A
20 m
W
t
rr £ 200 ns
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Features
q
International standard packages
q
Low R
DS (on) HDMOS
TM process
q
Rugged polysilicon gate cell structure
q
Unclamped Inductive Switching (UIS)
rated
q
Low package inductance
- easy to drive and to protect
q
Fast intrinsic Rectifier
Applications
q
DC-DC converters
q
Synchronous rectification
q
Battery chargers
q
Switched-mode and resonant-mode
power supplies
q
DC choppers
q
AC motor control
q
Temperature and lighting controls
q
Low voltage relays
Advantages
q
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
q
Space savings
q
High power density
D
G
91521F (10/95)
(TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFH67N10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH67N10 IXYS-IXFH67N10 Datasheet
295Kb / 8P
HIPERFET Power MOSFTETs
logo
Inchange Semiconductor ...
IXFH67N10 ISC-IXFH67N10 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH67N10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com