Electronic Components Datasheet Search
  English  ▼

X  

HSMP-381F Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HSMP-381F
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-381F Datasheet(HTML) 5 Page - Broadcom Corporation.

  HSMP-381F Datasheet HTML 1Page - Broadcom Corporation. HSMP-381F Datasheet HTML 2Page - Broadcom Corporation. HSMP-381F Datasheet HTML 3Page - Broadcom Corporation. HSMP-381F Datasheet HTML 4Page - Broadcom Corporation. HSMP-381F Datasheet HTML 5Page - Broadcom Corporation. HSMP-381F Datasheet HTML 6Page - Broadcom Corporation. HSMP-381F Datasheet HTML 7Page - Broadcom Corporation. HSMP-381F Datasheet HTML 8Page - Broadcom Corporation. HSMP-381F Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Applications for HSMP-481x Low Inductance Series (continued)
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
0.3 pF
0.75 nH
Rj
Equivalent Circuit Model
HSMP-381x Chip*
Co-Planar Waveguide Shunt Connection for HSMP-481x
Series
Co-Planar waveguide, with ground on the top side of the
printed circuit board, is shown in Figure 10. Since it elimi-
nates the need for via holes to ground, it offers lower shunt
parasitic inductance and higher maximum attenuation
when compared to microstrip circuit.
Figure 10. Circuit Layout.
Figure 11. Equivalent Circuit.
0.18 pF*
* Measured at -20 V
2.5
Ω
Rj
Rs
Cj
RT = 2.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
*See AN1124 for package models.
Rj =
80
I
0.9 Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com