Electronic Components Datasheet Search
  English  ▼

X  

HSMP-4890 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HSMP-4890
Description  Surface Mount RF PIN Switch Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-4890 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HSMP-4890 Datasheet HTML 1Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 2Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 3Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 4Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 5Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 6Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 7Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 8Page - Broadcom Corporation. HSMP-4890 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Package Lead Code Identification,
SOT-23/143
(Top View)
Package Lead Code Identification,
SOT-323
(Top View)
Package Lead Code Identification,
SOT-363
(Top View)
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23/143
SOT-323/363
I
f
Forward Current (1 µs Pulse)
Amp
1
1
P
IV
Peak Inverse Voltage
V
100
100
T
j
Junction Temperature
°C
150
150
T
stg
Storage Temperature
°C
-65 to 150
-65 to 150
θ
jc
Thermal Resistance[2]
°C/W
500
150
ESD WARNING:
Handling Precautions Should Be Taken To Avoid Static Discharge.
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. T
C = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
SERIES–
SHUNT PAIR
LOW
INDUCTANCE
SINGLE
T
UNCONNECTED
TRIO
L
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
U
HIGH
FREQUENCY
SERIES
V
1
2
3
6
5
4
DUAL SWITCH
MODEL
R
1
2
3
6
5
4
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
DUAL ANODE
489B
COMMON
CATHODE
#4
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
UNCONNECTED
PAIR
#5
DUAL ANODE
4890
RING
QUAD
#7
1
3
2
4
UNDER DEVELOPMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com