Electronic Components Datasheet Search
  English  ▼

X  

ICS8745BMI-21 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS8745BMI-21
Description  1:1 Differential-to-LVDS Zero Delay Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BMI-21 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS8745BMI-21 Datasheet HTML 4Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 5Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 6Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 7Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 8Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 9Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 10Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 11Page - Integrated Device Technology ICS8745BMI-21 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
©2017 Integrated Device Technology, Inc.
Revision E, January 10, 2017
8745BI-21 Datasheet
Parameter Measurement Information
3.3V LVDS Output Load AC Test Circuit
Phase Jitter and Static Phase Offset
Cycle-to-Cycle Jitter
Differential Input Level
Output Skew
Output Rise/Fall Time
SCOPE
Q
nQ
3.3V±5%
POWER SUPPLY
+–
Float GND
VDDA,
VDDO
VDD,
nCLK
CLK
nFB_IN
FB_IN
➤t(Ø)
V
OH
V
OL
V
OH
V
OL
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
Q
nQ
nCLK
CLK
VDD
GND
V
CMR
Cross Points
V
PP
Qx
nQx
Qy
nQy
20%
80%
80%
20%
tR
t F
VOD
Q
nQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com