Electronic Components Datasheet Search
  English  ▼

X  

M95010-W Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95010-W
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-W Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95010-W Datasheet HTML 36Page - STMicroelectronics M95010-W Datasheet HTML 37Page - STMicroelectronics M95010-W Datasheet HTML 38Page - STMicroelectronics M95010-W Datasheet HTML 39Page - STMicroelectronics M95010-W Datasheet HTML 40Page - STMicroelectronics M95010-W Datasheet HTML 41Page - STMicroelectronics M95010-W Datasheet HTML 42Page - STMicroelectronics M95010-W Datasheet HTML 43Page - STMicroelectronics M95010-W Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Package mechanical data
M950x0-W M950x0-R M950x0-DF
40/46
DocID6512 Rev 13
10
Package mechanical data
In order to meet environmental requirements, ST offers the device in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 22. SO8N 8-lead plastic small outline 150 mils body width, package outline
1. Drawing is not to scale.
Table 22. SO8N 8-lead plastic small outline, 150 mils body width, package
mechanical data
Symbol
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
-
-
1.75
-
-
0.0689
A1
-
0.1
0.25
-
0.0039
0.0098
A2
-
1.25
-
-
0.0492
-
b
-
0.28
0.48
-
0.011
0.0189
c
-
0.17
0.23
-
0.0067
0.0091
ccc
-
-
0.1
-
-
0.0039
D
4.9
4.8
5
0.1929
0.189
0.1969
E
6
5.8
6.2
0.2362
0.2283
0.2441
E1
3.9
3.8
4
0.1535
0.1496
0.1575
e
1.27
-
-
0.05
-
-
h
-
0.25
0.5
-
0.0098
0.0197
k-
0°
8°
-
0°
8°
L
-
0.4
1.27
-
0.0157
0.05
L1
1.04
-
-
0.0409
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com