Electronic Components Datasheet Search
  English  ▼

X  

SD820CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD820CS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD820CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD820CS_14 Datasheet HTML 1Page - Pan Jit International Inc. SD820CS_14 Datasheet HTML 2Page - Pan Jit International Inc. SD820CS_14 Datasheet HTML 3Page - Pan Jit International Inc. SD820CS_14 Datasheet HTML 4Page - Pan Jit International Inc. SD820CS_14 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSD820CS~SD860CS
November 24,2014-REV.02
Page 2
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
10
8
6
4
2
0
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60Hz
120
100
80
60
40
20
0
1
2
5
10
20
50
100
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
020406080
100
10
1.0
0.1
0.01
.001
T= 100 C
O
T= 75 C
O
T= 25 C
J
J
J
O
V
=20-40V
V
=50-60V
RRM
RRM
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
.3
.4
.5
.6
.7
.8
0.9
1.0
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
T= 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
20V~45V
50~60V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com