Electronic Components Datasheet Search
  English  ▼

X  

KTC3552T Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC3552T
Description  DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3552T Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC3552T Datasheet HTML 1Page - KEC(Korea Electronics) KTC3552T Datasheet HTML 2Page - KEC(Korea Electronics) KTC3552T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2001. 6. 28
3/3
KTC3552T
Revision No : 0
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
COLLECTOR CURRENT I
(A)
C
f
- I
TC
0.01
0.03
0.1
1
3
0.3
V
=10V
CE
MOUNTED ON A CERAMIC BOARD
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I MAX.(PULSED)
C
I MAX
(CONTIN-
UOUS)
C
100m
S*
DC
O
PE
RATI
ON
(600mm
0.8mm)
2
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
20
40
60
80
100
120
140 160
0.2
0.4
0.6
0.8
1.0
MOUNTED ON A
CERAMIC BOARD
(600mm
0.8mm)
2
10
1K
30
50
100
300
500
1
3
5
10
30
50
100
f=1MHz
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
0.01
CE
0.03
0.05
0.1
0.3
0.5
1
3
5
10
0.1
0.3
1
3
10
30
100
0.1
0.3
1
3
10
30
0.5
5
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com