Electronic Components Datasheet Search
  English  ▼

X  

OPA192 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192
Description  36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA192 Datasheet HTML 9Page - Texas Instruments OPA192 Datasheet HTML 10Page - Texas Instruments OPA192 Datasheet HTML 11Page - Texas Instruments OPA192 Datasheet HTML 12Page - Texas Instruments OPA192 Datasheet HTML 13Page - Texas Instruments OPA192 Datasheet HTML 14Page - Texas Instruments OPA192 Datasheet HTML 15Page - Texas Instruments OPA192 Datasheet HTML 16Page - Texas Instruments OPA192 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
±50
±25
0
25
50
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C001
5 Typical Units Shown
V
CM = -18.1 V
±100
±75
±50
±25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
190 Typical Units Shown
0
10
20
30
40
50
60
70
Offset Voltage Drift (µV/ C)
ƒ
Distribution Taken From 120 Amplifiers
0
5
10
15
20
25
30
Offset Voltage Drift (µV/ C)
ƒ
Distribution Taken From 75 Amplifiers
0
10
20
30
40
50
60
70
Offset Voltage Drift (µV/ C)
ƒ
Distribution Taken From 120 Amplifiers
0
10
20
30
40
50
Offset Voltage Drift (µV/ C)
ƒ
Distribution Taken From 75 Amplifiers
13
OPA192-Q1, OPA2192-Q1, OPA4192-Q1
www.ti.com
SBOS850 – MAY 2017
Product Folder Links: OPA192-Q1 OPA2192-Q1 OPA4192-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, (unless otherwise noted)
OPA192-Q1ID and OPA2192-Q1ID
SOIC, TA = –40°C to +125°C
Figure 7. Offset Voltage Drift Distribution
from –40°C to +125°C
OPA192-Q1IDBV, OPA192-Q1IDGK, OPA2192-Q1IDGK,
OPA4192-Q1IPW
SOT and VSSOP, TA = –40°C to +125°C
Figure 8. Offset Voltage Drift Distribution
from –40°C to +125°C
OPA192-Q1ID and OPA2192-Q1ID
SOIC, TA = 0°C to 85°C
Figure 9. Offset Voltage Drift Distribution
from 0°C to 85°C
OPA192-Q1IDBV, OPA192-Q1IDGK, OPA2192-Q1IDGK,
OPA4192-Q1IPW
SOT and VSSOP, TA = 0°C to 85°C
Figure 10. Offset Voltage Drift Distribution
from 0°C to 85°C
Figure 11. Offset Voltage vs Temperature
Figure 12. Offset Voltage vs Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com