Electronic Components Datasheet Search
  English  ▼

X  

MDF7N50BTH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF7N50BTH
Description  N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF7N50BTH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF7N50BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF7N50BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Jan 2012. Version 1.0
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
MDP7N50B
MDF7N50B
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
7.0
7.0*
A
TC=100
oC
4.2
4.2*
A
Pulsed Drain Current
(1)
IDM
28
28*
A
Power Dissipation
TC=25
oC
PD
114
36
W
Derate above 25
oC
0.91
0.29
W/
oC
Repetitive Avalanche Energy
(1)
EAR
11.4
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
270
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
MDP5N50B
MDF5N50B
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
1.1
3.5
MDP7N50B / MDF7N50B
N-Channel MOSFET 500V, 7.0 A, 0.9
General Description
The MDP/F7N50B uses advanced Magnachip’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDP/F7N50B is suitable device for SMPS, high
Speed switching and general purpose applications.
Features
VDS = 500V
ID = 7.0A
@VGS = 10V
RDS(ON) ≤ 0.9
@VGS = 10V
Applications
Power Supply
PFC
Ballast


Similar Part No. - MDF7N50BTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF7N50BTH ISC-MDF7N50BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF7N50BTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF7N50 MGCHIP-MDF7N50 Datasheet
746Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MMD60R900P MGCHIP-MMD60R900P Datasheet
1Mb / 10P
600V 0.9(ohm) N-channel MOSFET
MMD70R900P MGCHIP-MMD70R900P Datasheet
1Mb / 10P
700V 0.9(ohm) N-channel MOSFET
MMD80R900P MGCHIP-MMD80R900P Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMD80R900PC MGCHIP-MMD80R900PC Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMF70R900P MGCHIP-MMF70R900P Datasheet
1Mb / 10P
700V 0.9(ohm) N-channel MOSFET
MMP80R900PC MGCHIP-MMP80R900PC Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMF80R900PC MGCHIP-MMF80R900PC Datasheet
1Mb / 10P
800V 0.9(ohm) N-channel MOSFET
MMIS60R900P MGCHIP-MMIS60R900P Datasheet
1Mb / 11P
600V 0.9(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com