Electronic Components Datasheet Search
  English  ▼

X  

MDF7N60BTH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF7N60BTH
Description  N-Channel MOSFET 600V, 7.0A, 1.15(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF7N60BTH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF7N60BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Oct. 2010 Version 1.3
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
MDP7N60B
MDF7N60B
Unit
Drain-Source Voltage
VDSS
600
V
Drain-Source Voltage @ Tjmax
VDSS @ Tjmax
660
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
7.0
7.0*
A
TC=100
oC
4.4
4.4*
A
Pulsed Drain Current
(1)
IDM
28
28*
A
Power Dissipation
TC=25
oC
PD
131
42
W
W/
oC
Derate above 25
oC
1.05
0.33
Repetitive Avalanche Energy
(1)
EAR
13.1
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
220
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
MDP7N60B
MDF7N60B
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
0.95
3.01
MDP7N60B / MDF7N60B
N-Channel MOSFET 600V, 7.0A, 1.15Ω
Ω
Ω
Ω
General Description
These N-channel MOSFET are produced using advanced
MagnaChip’s MOSFET Technology, which provides low on-
state resistance, high switching performance and excellent
quality.
These devices are suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 600V
VDS = 660V
@ Tjmax
ID = 7.0A
@ VGS = 10V
RDS(ON) ≤ 1.15
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
TO-220F
MDF Series
TO-220
MDP Series


Similar Part No. - MDF7N60BTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF7N60BTH ISC-MDF7N60BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF7N60BTH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
March 2000
logo
Tak Cheong Electronics ...
TFF8N60 TAK_CHEONG-TFF8N60 Datasheet
288Kb / 7P
N-Channel Power MOSFET 8A, 600V, 1.15廓
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF7N60 MGCHIP-MDF7N60 Datasheet
745Kb / 6P
N-Channel MOSFET 600V, 7A, 1.15(ohm)
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
MDP7N60 MGCHIP-MDP7N60 Datasheet
983Kb / 6P
N-Channel MOSFET 600V, 7A, 1.15(ohm)
MMD60R360Q MGCHIP-MMD60R360Q Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
7.0A,600V N-CHANNEL MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com