Electronic Components Datasheet Search
  English  ▼

X  

MDF16N50GTH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDF16N50GTH
Description  N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF16N50GTH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDF16N50GTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF16N50GTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dec. 2014. Version 1.1
MagnaChip Semiconductor Ltd.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 Breakdown Voltage Variation vs.
Temperature
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
10
15
20
25
30
35
40
0.3
0.4
0.5
0.6
0.7
V
GS=10.0V
V
GS=20V
I
D,Drain Current [A]
0
10
20
0
5
10
15
20
25
30
35
Notes
1. 250㎲ Pulse Test
2. T
C=25
℃
V
gs=5.5V
=6.0V
=6.5V
=7.0V
=8.0V
=10.0V
=15.0V
V
DS,Drain-Source Voltage [V]
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
T
J, Junction Temperature [
oC]
4
5
6
7
8
9
1
10
-55℃
25℃
* Notes ;
1. V
DS=30V
150℃
V
GS [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
25
o
C
150
o
C
※ Notes :
1. V
GS = 0 V
2. 250㎲ Pulse Test
V
SD, Source-Drain Voltage [V]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D
= 8A
T
J, Junction Temperature [
oC]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com