Electronic Components Datasheet Search
  English  ▼

X  

MDP1723TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDP1723TH
Description  Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP1723TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDP1723TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP1723TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP1723TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP1723TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP1723TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP1723TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oct. 2014. Version 1.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC (Silicon Limited)
ID
191
A
TC=25
oC (Package Limited)
120
TC=100
oC
120
Pulsed Drain Current
IDM
480
Power Dissipation
TC=25
oC
PD
138.9
W
TC=100
oC
55.6
Single Pulse Avalanche Energy
(2)
EAS
162.0
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
50.0
oC/W
Thermal Resistance, Junction-to-Case
RθJC
0.9
MDP1723
Single N-channel Trench MOSFET 40V, 120A, 2.3m
Ω
Features
VDS = 40V
ID = 120A @VGS = 10V
RDS(ON)
< 2.3
mΩ @VGS = 10V
100% UIL Tested
100% Rg Tested
General Description
The MDP1723 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDP1723 is suitable device for Synchronous
Rectification For Server and general purpose applications.
TO-220
D
G
S


Similar Part No. - MDP1723TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP1723 ISC-MDP1723 Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDP1723TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDP15N075 MGCHIP-MDP15N075 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com