Electronic Components Datasheet Search
  English  ▼

X  

MDP1901 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDP1901
Description  Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP1901 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDP1901 Datasheet HTML 1Page - MagnaChip Semiconductor. MDP1901 Datasheet HTML 2Page - MagnaChip Semiconductor. MDP1901 Datasheet HTML 3Page - MagnaChip Semiconductor. MDP1901 Datasheet HTML 4Page - MagnaChip Semiconductor. MDP1901 Datasheet HTML 5Page - MagnaChip Semiconductor. MDP1901 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
August. 2010. Version 1.2
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Tc = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC=25
oC
ID
36
A
TC=100
oC
24
A
Pulsed Drain Current
IDM
144
A
Power Dissipation
TC=25
oC
PD
34
W
TC=100
oC
14
Single Pulse Avalanche Energy
(2)
EAS
200
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
40
oC/W
Thermal Resistance, Junction-to-Case
RθJC
2.3
MDP1901
Single N-channel Trench MOSFET 100V, 36A, 22
mΩ
Features
VDS = 100V
ID = 36A @VGS = 10V
RDS(ON)
< 22m
Ω @VGS = 10V
< 25m
Ω @VGS = 6.0V
General Description
The MDP1901 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDP1901 is suitable device for DC/DC Converters
and general purpose applications.
D
G
S
S
G
D


Similar Part No. - MDP1901

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDP1901TH VBSEMI-MDP1901TH Datasheet
946Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
MDP1901TH ISC-MDP1901TH Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDP1901

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672 Datasheet
266Kb / 11P
N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
logo
Unisonic Technologies
UTT36N10 UTC-UTT36N10 Datasheet
218Kb / 5P
36A, 100V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDD1904 MGCHIP-MDD1904 Datasheet
1,023Kb / 6P
Single N-channel Trench MOSFET 100V, 10.8A, 140m(ohm)
MDP1922 MGCHIP-MDP1922 Datasheet
929Kb / 6P
Single N-channel Trench MOSFET 100V, 97A, 8.4m(ohm)
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com