Electronic Components Datasheet Search
  English  ▼

X  

LM4802B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4802B
Description  Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4802B Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4802B Datasheet HTML 2Page - National Semiconductor (TI) LM4802B Datasheet HTML 3Page - National Semiconductor (TI) LM4802B Datasheet HTML 4Page - National Semiconductor (TI) LM4802B Datasheet HTML 5Page - National Semiconductor (TI) LM4802B Datasheet HTML 6Page - National Semiconductor (TI) LM4802B Datasheet HTML 7Page - National Semiconductor (TI) LM4802B Datasheet HTML 8Page - National Semiconductor (TI) LM4802B Datasheet HTML 9Page - National Semiconductor (TI) LM4802B Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Voltage
V
DD = 3V, ZL =2µF+30
Ω,V
1 = 6.1V
THD+N vs Output Voltage
V
DD = 4.2V, ZL =2µF+30
Ω,V
1 = 6.1V
20094190
20094194
Load Current vs V
DD
Z
L =2µF+30
Ω
Supply Voltage vs Supply Current
Z
L =2µF+30
Ω,V
IN =0V
20094188
20094189
PSRR vs Frequency
V
1 = 5.0V, ZL =2µF+30
Ω,
V
ripple = 200mVpp,AV-BTL = 26dB
PSRR vs Frequency
V
1 = 5.8V, ZL =2µF+30
Ω,
V
ripple = 200mVpp,AV-BTL = 26dB
200941B3
200941B4
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com