Electronic Components Datasheet Search
  English  ▼

X  

LM4883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4883
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4883 Datasheet HTML 1Page - National Semiconductor (TI) LM4883 Datasheet HTML 2Page - National Semiconductor (TI) LM4883 Datasheet HTML 3Page - National Semiconductor (TI) LM4883 Datasheet HTML 4Page - National Semiconductor (TI) LM4883 Datasheet HTML 5Page - National Semiconductor (TI) LM4883 Datasheet HTML 6Page - National Semiconductor (TI) LM4883 Datasheet HTML 7Page - National Semiconductor (TI) LM4883 Datasheet HTML 8Page - National Semiconductor (TI) LM4883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics for Bridged-Mode Operation (5V) (Notes 3, 7,
13) (Continued)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4883
Units
(Limits)
Typical
Limit
(Note 8)
(Note 9)
PSRR
Power Supply Rejection Ratio
Input Floating, 217Hz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
85
dB
Input Floating, 1kHz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
80
dB
Input grounded, 217Hz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
65
dB
Input grounded, 1kHz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
70
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 1.0µF
82
dB
V
NO
Output Noise Voltage
1kHz, A-weighted
21
µV
Electrical Characteristics for Single-Ended Operation (5V) (Notes 3, 7, 13)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4883
Units
(Limits)
Typical
Limit
(Note 8)
(Note 9)
P
O
Output Power
THD+N = 0.5%,f=1 kHz, R
L =32
Ω
90
75
mW (min)
THD+N = 1%,f=1 kHz, R
L =8
Ω
325
mW
THD+N = 10%,f=1 kHz, R
L =8
Ω
400
mW
THD+N
Total Harmonic Distortion+Noise
P
O = 20mW, 1kHz, RL =32
Ω
0.015
%
PSRR
Power Supply Rejection Ratio
Input Floating, 217Hz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
70
dB
Input Floating, 1kHz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
72
dB
Input grounded, 217Hz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
65
dB
Input grounded, 1kHz
V
ripple = 200mVp-p
C
B = 1µF, RL =8
Ω
70
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 1.0µF
80
dB
V
NO
Output Noise Voltage
1kHz, A-weighted
11
µV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com