Electronic Components Datasheet Search
  English  ▼

X  

LM4960 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4960
Description  Piezoelectric Speaker Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4960 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4960 Datasheet HTML 1Page - National Semiconductor (TI) LM4960 Datasheet HTML 2Page - National Semiconductor (TI) LM4960 Datasheet HTML 3Page - National Semiconductor (TI) LM4960 Datasheet HTML 4Page - National Semiconductor (TI) LM4960 Datasheet HTML 5Page - National Semiconductor (TI) LM4960 Datasheet HTML 6Page - National Semiconductor (TI) LM4960 Datasheet HTML 7Page - National Semiconductor (TI) LM4960 Datasheet HTML 8Page - National Semiconductor (TI) LM4960 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4960
Piezoelectric Speaker Driver
General Description
The LM4960 utilizes a switching regulator to drive a dual
audio power amplifier. It delivers 24V
P-P mono-BTL to a
ceramic speaker with less than 1.0% THD+N while operating
on a 3.0V power supply.
The LM4960’s switching regulator is a current-mode boost
converter operating at a fixed frequency of 1.6MHz.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4960 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4960 features a low-power consumption externally
controlled micropower shutdown mode. Additionally, the
LM4960 features and internal thermal shutdown protection
mechanism along with a short circuit protection.
The LM4960 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
n
V
OUT @ VDD = 3.0 THD+N
≤ 1%
24V
P-P (typ)
n
Power supply range
3.0 to 7V
n
Switching Frequency
1.6MHz (typ)
Features
n
Stereo BTL amplifier
n
Low current shutdown mode
n
"Click and pop" suppression circuitry
n
Low Quiescent current
n
Unity-gain stable audio amplifiers
n
External gain configuration capability
n
Thermal shutdown protection circuitry
n
Wide input voltage range (3.0V - 7V)
n
1.6MHz switching frequency
Applications
n
Mobile phone
n
PDA’s
Connection Diagram
LM4960SQ
20076582
Top View
Order Number LM4960SQ
See NS Package Number
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2004
© 2004 National Semiconductor Corporation
DS200765
www.national.com


Similar Part No. - LM4960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
Piezoelectric Speaker Driver
LM4960SQ/NOPB TI1-LM4960SQ/NOPB Datasheet
783Kb / 20P
Piezoelectric Speaker Driver
More results

Similar Description - LM4960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
Ceramic Speaker Driver
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
Ceramic Speaker Driver
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
logo
Sanyo Semicon Device
LV8071LP SANYO-LV8071LP Datasheet
71Kb / 6P
Piezoelectric Actuator Driver IC
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
Ceramic Speaker Driver
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
Piezoelectric Speaker Driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
Piezoelectric Actuator Driver
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com