Electronic Components Datasheet Search
  English  ▼

X  

LM4961 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4961
Description  Ceramic Speaker Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4961 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4961 Datasheet HTML 7Page - National Semiconductor (TI) LM4961 Datasheet HTML 8Page - National Semiconductor (TI) LM4961 Datasheet HTML 9Page - National Semiconductor (TI) LM4961 Datasheet HTML 10Page - National Semiconductor (TI) LM4961 Datasheet HTML 11Page - National Semiconductor (TI) LM4961 Datasheet HTML 12Page - National Semiconductor (TI) LM4961 Datasheet HTML 13Page - National Semiconductor (TI) LM4961 Datasheet HTML 14Page - National Semiconductor (TI) LM4961 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Information (Continued)
DUTY CYCLE
The maximum duty cycle of the boost converter determines
the maximum boost ratio of output-to-input voltage that the
converter can attain in continuous mode of operation. The
duty cycle for a given boost application is defined as:
Duty Cycle = V
OUT +VDIODE -VIN / VOUT +VDIODE -VSW
This applies for continuous mode operation.
INDUCTANCE VALUE
The first question we are usually asked is: “How small can I
make the inductor.” (because they are the largest sized
component and usually the most costly). The answer is not
simple and involves trade-offs in performance. Larger induc-
tors mean less inductor ripple current, which typically means
less output voltage ripple (for a given size of output capaci-
tor). Larger inductors also mean more load power can be
delivered because the energy stored during each switching
cycle is:
E = L/2 X (lp)2
Where “lp” is the peak inductor current. An important point to
observe is that the LM4961 will limit its switch current based
on peak current. This means that since lp(max) is fixed,
increasing L will increase the maximum amount of power
available to the load. Conversely, using too little inductance
may limit the amount of load current which can be drawn
from the output.
Best performance is usually obtained when the converter is
operated in “continuous” mode at the load current range of
interest, typically giving better load regulation and less out-
put ripple. Continuous operation is defined as not allowing
the inductor current to drop to zero during the cycle. It should
be noted that all boost converters shift over to discontinuous
operation as the output load is reduced far enough, but a
larger inductor stays “continuous” over a wider load current
range.
To better understand these trade-offs, a typical application
circuit (5V to 12V boost with a 10µH inductor) will be ana-
lyzed. We will assume:
V
IN =5V, VOUT = 12V, VDIODE = 0.5V, VSW = 0.5V
Since the frequency is 1.6MHz (nominal), the period is ap-
proximately 0.625µs. The duty cycle will be 62.5%, which
means the ON-time of the switch is 0.390µs. It should be
noted that when the switch is ON, the voltage across the
inductor is approximately 4.5V. Using the equation:
V = L (di/dt)
We can then calculate the di/dt rate of the inductor which is
found to be 0.45 A/µs during the ON-time. Using these facts,
we can then show what the inductor current will look like
during operation:
During the 0.390µs ON-time, the inductor current ramps up
0.176A and ramps down an equal amount during the OFF-
time. This is defined as the inductor “ripple current”. It can
also be seen that if the load current drops to about 33mA,
the inductor current will begin touching the zero axis which
means it will be in discontinuous mode. A similar analysis
can be performed on any boost converter, to make sure the
ripple current is reasonable and continuous operation will be
maintained at the typical load current values. Taiyo-Yudens
NR4012 inductor series is recommended.
MAXIMUM SWITCH CURRENT
The maximum FET switch current available before the cur-
rent limiter cuts in is dependent on duty cycle of the appli-
cation. This is illustrated in a graph in the typical perfor-
mance characterization section which shows typical values
of switch current as a function of effective (actual) duty cycle.
CALCULATING OUTPUT CURRENT OF BOOST
CONVERTER (I
AMP)
As shown in Figure 2 which depicts inductor current, the load
current is related to the average inductor current by the
relation:
I
LOAD =IIND(AVG) x (1 - DC)
(7)
Where "DC" is the duty cycle of the application. The switch
current can be found by:
I
SW =IIND(AVG) + 1/2 (I
RIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty
cycle, input voltage and frequency:
I
RIPPLE =DCx(VIN-VSW)/(fxL)
(9)
combining all terms, we can develop an expression which
allows the maximum available load current to be calculated:
I
LOAD(max) = (1–DC)x(ISW(max)–DC(VIN-VSW))/2FL(10)
The equation shown to calculate maximum load current
takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode.
20094099
FIGURE 3. 10µH Inductor Current
5V - 12V Boost (LM4961X)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com