Electronic Components Datasheet Search
  English  ▼

X  

AS8C401825 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS8C401825
Description  Power down controlled by ZZ input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C401825 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS8C401825 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS8C401825 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
88
AS8C403625, AS8C401825, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial Temperature Range
Synchronous Truth Table (1,3)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2.
OE is an asynchronous input.
3. ZZ - low for the table.
Operation
Address
Used
CE
CS0
CS1
ADSP
ADSC
ADV
GW
BWE
BWx
OE(2)
CLK
I/O
Deselected Cycle, Power Down
None
H
X
X
X
L
X
X
X
X
X
↑
HI-Z
Deselected Cycle, Power Down
None
L
X
H
L
X
X
X
X
X
X
↑
HI-Z
Deselected Cycle, Power Down
None
L
L
X
L
X
X
X
X
X
X
↑
HI-Z
Deselected Cycle, Power Down
None
L
X
H
X
L
X
X
X
X
X
↑
HI-Z
Deselected Cycle, Power Down
None
L
L
X
X
L
X
X
X
X
X
↑
HI-Z
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
X
X
L
↑
DOUT
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
X
X
H
↑
HI-Z
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
H
X
L
↑
DOUT
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
H
L
↑
DOUT
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
H
H
↑
HI-Z
Write Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
L
X
↑
DIN
Write Cycle, Begin Burst
External
L
H
L
H
L
X
L
X
X
X
↑
DIN
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
X
L
↑
DOUT
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
X
H
↑
HI-Z
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
X
H
L
↑
DOUT
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
X
H
H
↑
HI-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
X
L
↑
DOUT
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
X
H
↑
HI-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
X
H
L
↑
DOUT
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
X
H
H
↑
HI-Z
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
H
L
L
X
↑
DIN
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
L
X
X
X
↑
DIN
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
H
L
L
X
↑
DIN
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
L
X
X
X
↑
DIN
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
H
X
L
↑
DOUT
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
H
X
H
↑
HI-Z
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
X
H
L
↑
DOUT
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
X
H
H
↑
HI-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
H
X
L
↑
DOUT
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
H
X
H
↑
HI-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
X
H
L
↑
DOUT
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
X
H
H
↑
HI-Z
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
L
L
X
↑
DIN
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
L
X
X
X
↑
DIN
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
L
L
X
↑
DIN
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
L
X
X
X
↑
DIN
5280 tbl 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com