Electronic Components Datasheet Search
  English  ▼

X  

AS62V256A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS62V256A
Description  Three?뭩tate outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS62V256A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS62V256A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS62V256A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS62V256A
-70SIN
Switching Characteristics
Read Cycle
Symbol
70
Unit
Alt.
IEC
Min.
Max.
Read Cycle Time
tRC
tcR
70
ns
Address Access Time to Data Valid
tΑΑ
ta(Α)
70
ns
Chip Enable Access Time to Data Valid
tΑCΕ
ta(Ε)
70
ns
G LOW to Data Valid
tOΕ
ta(G)
25
ns
Ε HIGH to Output in High-Z
tΗΖCΕ
tdis(Ε)
15
ns
G HIGH to Output in High-Z
tΗΖΟΕ
tdis(G)
15
ns
Ε LOW to Output in Low-Z
tLΖCΕ
ten(Ε)
3
ns
G LOW to Output in Low-Z
tLΖΟΕ
ten(G)
0
ns
Output Hold Time from Address Change
tΟΗ
tv(Α)
3
ns
Ε LOW to Power-Up Time
tPU
0
ns
Ε HIGH to Power-Down Time
tPD
70
ns
Switching Characteristics
Write Cycle
Symbol
70
Unit
Alt.
IEC
Min.
Max.
Write Cycle Time
tWC
tcW
70
ns
Write Pulse Width
tWP
tw(W)
35
ns
Write Setup Time
tWP
tsu(W)
35
ns
Address Setup Time
tΑS
tsυ(Α)
0
ns
Address Valid to End of Write
tΑW
tsu(Α−WΗ)
40
ns
Chip Enable Setup Time
tCW
tsυ(Ε)
40
ns
Pulse Width Chip Enable to End of Write
tCW
tw(Ε)
40
ns
Data Setup Time
tDS
tsu(D)
25
ns
Data Hold Time
tDH
th(D)
0
ns
Address Hold from End of Write
tAH
th(Α)
0
ns
W LOW to Output in High-Z
tΗΖWΕ
tdis(W)
20
ns
G HIGH to Output in High-Z
tΗΖΟΕ
tdis(G)
15
ns
W HIGH to Output in Low-Z
tLΖWΕ
ten(W)
0
ns
G LOW to Output in Low-Z
tLΖΟΕ
ten(G)
0
ns
Sept 2012
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com