Electronic Components Datasheet Search
  English  ▼

X  

LMX2377USLEX Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2377USLEX
Description  PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2377USLEX Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LMX2377USLEX Datasheet HTML 32Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 33Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 34Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 35Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 36Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 37Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 38Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 39Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
2.0 Programming Description (Continued)
2.4 AUXILIARY R REGISTER
The Aux R register contains the Aux R_CNTR, PD_POL Aux, ID
o Aux, and TRI-STATE IDo Aux control words, in addition to two
bits that compose the F
oLD control word. The detailed description and programming information for each control word is
discussed in the following sections.
Reg. Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
Data Field
Address
Field
Aux
R
FoLD0 FoLD2
TRI-
STATE
IDo
Aux
IDo
Aux
PD_
POL
Aux
Aux R_CNTR[14:0]
0
0
2.4.1 Aux R_CNTR[14:0]
AUXILIARY SYNTHESIZER PROGRAMMABLE REFERENCE DIVIDER (R COUNTER)
Aux R[2:16]
The Aux reference divider (Aux R_CNTR) can be programmed to support divide ratios from 2 to 32767. Divide ratios less than
2 are prohibited.
Divide Ratio
Aux R_CNTR[14:0]
14
13
12
11
10
9876543210
2
000000000000010
3
000000000000011
•
•••••••••••••••
32767
111111111111111
2.4.2 PD_POL Aux
AUXILIARY SYNTHESIZER PHASE DETECTOR POLARITY
Aux R[17]
The PD_POL Aux bit is used to control the Aux synthesizer’s phase detector polarity based on the VCO tuning characteristics.
Control Bit
Register Location
Description
Function
01
PD_POL Aux
Aux R[17]
Aux Phase Detector
Polarity
Aux VCO Negative
Tuning
Characteristics
Aux VCO Positive
Tuning
Characteristics
Aux VCO Characteristics
20022609
2.4.3 ID
o Aux
AUXILIARY SYNTHESIZER CHARGE PUMP CURRENT GAIN
Aux R[18]
The ID
o Aux bit controls the Aux synthesizer’s charge pump gain. Two current levels are available.
Control Bit
Register Location
Description
Function
01
ID
o Aux
Aux R[18]
Aux Charge Pump
Current Gain
LOW
0.95 mA
HIGH
3.80 mA
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com