Electronic Components Datasheet Search
  English  ▼

X  

LT215 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LT215
Description  Photo DMOS-FET Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT215 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LT215 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT215 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT215 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT215 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT215 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Letex Technology Corp.
1
Photo DMOS-FET Relay
Description
The LT215 is a miniature 1-Form A solid state relay in a 4 pin SOP package that employs optically
coupled MOSFET technology to provide 1500V of input to output isolation. The Input of optical
coupler been controlled by a highly efficient GaAlAs
infrared LED and MOS FETs on the output side.
Features
‧SOP package 4 Pin type in miniature design (4.4×4.3×2.0mm / .173×.169×.083inch)
‧Low driver power requirements (TTL/CMOS Compatible)
‧High reliability
‧Arc-Free with no snubbing circuits
‧1500Vrms Input/Output isolation
‧Tape & Reel version available
Applications
‧Telecommunications (PC, Electronic notepad)
‧Measuring and Testing equipment
‧Industrial control
‧Security equipments
‧High speed inspection machine
‧Data communication equipments
‧Factory automotive equipments


Similar Part No. - LT215

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT215 LETEX-LT215 Datasheet
124Kb / 4P
Photo DMOS-FET Relay
More results

Similar Description - LT215

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
Photo DMOS-FET Relay
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
Photo DMOS-FET Relay
LT225 LETEX-LT225 Datasheet
210Kb / 4P
Photo DMOS-FET Relay
LT232 LETEX-LT232 Datasheet
125Kb / 4P
Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
Photo DMOS-FET Relay
LT316 LETEX-LT316 Datasheet
140Kb / 4P
Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
Photo DMOS-FET Relay
LU634 LETEX-LU634 Datasheet
143Kb / 4P
Photo DMOS-FET Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com