Electronic Components Datasheet Search
  English  ▼

X  

TSL13FN Datasheet(PDF) 10 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 10 Page - ams AG

Back Button TSL13FN Datasheet HTML 6Page - ams AG TSL13FN Datasheet HTML 7Page - ams AG TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG TSL13FN Datasheet HTML 10Page - ams AG TSL13FN Datasheet HTML 11Page - ams AG TSL13FN Datasheet HTML 12Page - ams AG TSL13FN Datasheet HTML 13Page - ams AG TSL13FN Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSL13FN – 10
ams Datasheet: 2014-Jun-04 [1-00]
P a ck age Dra w ings & Mark ings
Figure 17:
Six-lead Surface Mount FN Package Configuration
Note(s) and/or Footnote(s):
1. All linear dimensions are in micrometers.
2. The Photodiode Active Area is centered within the package within a tolerance of ±75 micrometers.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is Copper Alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
500
500
2000±100
2000±100
PHOTODIODE
ACTIVE AREA
TOP VIEW
650±50
295 NOMINAL
END VIEW
6X 750±150
BOTTOM VIEW
CL OF PHOTODIODE ACTIVE AREA
CL OF SOLDER CONTACTS
SEE NOTE 2
CL OF PHOTODIODE ACTIVE AREA
CL OF SOLDER CONTACTS
SEE NOTE 2
6X 300±50
6X 97±20
4X 650
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com