Electronic Components Datasheet Search
  English  ▼

X  

M58LW64D Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58LW64D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW64D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58LW64D Datasheet HTML 24Page - STMicroelectronics M58LW64D Datasheet HTML 25Page - STMicroelectronics M58LW64D Datasheet HTML 26Page - STMicroelectronics M58LW64D Datasheet HTML 27Page - STMicroelectronics M58LW64D Datasheet HTML 28Page - STMicroelectronics M58LW64D Datasheet HTML 29Page - STMicroelectronics M58LW64D Datasheet HTML 30Page - STMicroelectronics M58LW64D Datasheet HTML 31Page - STMicroelectronics M58LW64D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
M58LW064D
28/50
Figure 11. Write AC Waveform, Write Enable Controlled
Note: 1. VIH = Device Disabled (first edge of E0, E1 or E2), VIL = Device Enabled (first edge of E0, E1 or E2). Refer to Table 2. for more
details.
Table 17. Write AC Characteristics, Write Enable Controlled
Symbol
Parameter
M58LW064D
Unit
110
tAVWH
Address Valid to Write Enable High
Min
50
ns
tDVWH
Data Input Valid to Write Enable High
Min
50
ns
tELWL
Chip Enable Low to Write Enable Low
Min
0
ns
tVPHWH
Program/Erase Enable High to Write Enable High
Min
0
ns
tWHAX
Write Enable High to Address Transition
Min
0
ns
tWHBL
Write Enable High to Status/(Ready/Busy) low
Max
500
ns
tWHDX
Write Enable High to Input Transition
Min
0
ns
tWHEH
Write Enable High to Chip Enable High
Min
0
ns
tGHWL
Output Enable High to Write Enable Low
Min
20
ns
tWHGL
Write Enable High to Output Enable Low
Min
35
ns
tWHWL
Write Enable High to Write Enable Low
Min
30
ns
tWLWH
Write Enable Low to Write Enable High
Min
70
ns
AI06215
DQ0-DQ15
STS
(Ready/Busy mode)
W
A0-A22
E2, E1, E0(1)
G
INPUT
VALID
tWHEH
tAVWH
tWLWH
tELWL
VPEN
tWHAX
tWHWL
tWHDX
tDVWH
tVPHWH
tWHGL
tGHWL
tWHBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com