Electronic Components Datasheet Search
  English  ▼

X  

LT6010ACDD Datasheet(PDF) 16 Page - Linear Technology

Part # LT6010ACDD
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010ACDD Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6010ACDD Datasheet HTML 8Page - Linear Technology LT6010ACDD Datasheet HTML 9Page - Linear Technology LT6010ACDD Datasheet HTML 10Page - Linear Technology LT6010ACDD Datasheet HTML 11Page - Linear Technology LT6010ACDD Datasheet HTML 12Page - Linear Technology LT6010ACDD Datasheet HTML 13Page - Linear Technology LT6010ACDD Datasheet HTML 14Page - Linear Technology LT6010ACDD Datasheet HTML 15Page - Linear Technology LT6010ACDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT6010
16
6010f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1103 1K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT6011/6012
Dual/Quad Precision Op Amps
135
µA, Rail-to-Rail Output
LT1001
Low Power, Picoamp Input Precision Op Amp
250pA Input Bias Current
LT1880
Rail-to-Rail Output, Picoamp Input Precision Op Amp
CLOAD up to 1000pF
RELATED PARTS
TYPICAL APPLICATIO
Precision JFET Input Transimpedance Photodiode Amplifier
–
+
6010 TA02
C4
0.5pF
C3
1pF
S1
U1
LT6010
–
+
U2
LT6230
V+
V–
V–
R1
330k, 5%
R2
1k
5%
R3
100k, 1%
C1
0.01
µF
C2
0.1
µF
J1
J1: PHILIPS BF862
S1: SIEMENS/INFINEON SFH203 PHOTODIODE (~3pF)
VSUPPLY = ±5V
ISUPPLY = 5.6mA
BANDWIDTH = 6MHz
AZ = 100kΩ
OUTPUT OFFSET
≈ 50µV TYPICALLY
VOUT
R4
2.55k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com