Electronic Components Datasheet Search
  English  ▼

X  

MDS3603 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDS3603
Description  Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS3603 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDS3603 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS3603 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS3603 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS3603 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS3603 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS3603 Datasheet HTML 6Page - MagnaChip Semiconductor. MDS3603 Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
May. 2011. Version 1.1
MagnaChip Semiconductor Ltd
.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 On-Resistance Variation with
Gate to Source Voltage
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
40
45
50
-8.0V
-6.0V
V
GS=-3.0V
V
GS=-2.5V
-10.0V
-5.0V
-4.0V
V
GS=-3.5V
-V
DS [V]
0
10
20
30
40
0
5
10
15
20
V
GS= -5V
V
GS= -10V
-I
D [A]
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
*Note; I
D=-12A
V
GS=-10V
T
J, Junction Temperature [
]
℃
2
3
4
5
6
7
8
9
10
5
10
15
20
25
30
*Note ; I
D=-12A
-V
GS [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
* Note ; V
DS=-5V
-V
GS [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
0
10
1
Notes :
※
V
GS = 0V
-V
SD, Source-Drain voltage [V]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com