Electronic Components Datasheet Search
  English  ▼

X  

MDS5601 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDS5601
Description  Dual N-channel Trench MOSFET 30V, 12.9A, 10.5m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS5601 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDS5601 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS5601 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS5601 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS5601 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS5601 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS5601 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
July. 2010. Version 1.0
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
Rohs Status
MDS5601URH
-55~150
oC
SO-8
Tape & Reel
Halogen Free
Electrical Characteristics (TJ = 25oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.3
2.0
2.7
Drain Cut-Off Current
IDSS
VDS = 30V, VGS = 0V
-
-
1
μA
TJ=55
oC
-
-
5
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 9.0A
-
9.5
10.5
mΩ
TJ=125
oC
-
14.3
18.8
VGS = 4.5V, ID = 7.0A
-
13.1
16.1
Forward Transconductance
gfs
VDS = 10V, ID = 9A`
-
35
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
VDS = 15.0V, ID = 9.0A,
VGS = 10V
11.0
15.7
-20.4
nC
Total Gate Charge
Qg(4.5V)
5.4
7.7
10.0
Gate-Source Charge
Qgs
-
3.4
-
Gate-Drain Charge
Qgd
-
2.5
-
Input Capacitance
Ciss
VDS = 15.0V, VGS = 0V,
f = 1.0MHz
682
975
1268
pF
Reverse Transfer Capacitance
Crss
98
97
126
Output Capacitance
Coss
143
204
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 15.0V,
RL = 1.5Ω, RG = 3.0Ω
-
5.9
-
ns
Rise Time
tr
-
21.3
-
Turn-Off Delay Time
td(off)
-
21.4
-
Fall Time
tf
-
12.4
-
Gate Resistance
Rg
f=1 MHz
-
1.6
3.0
Ω
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 1.0A, VGS = 0V
-
0.72
1.0
V
Body Diode Reverse Recovery Time
trr
IF = 9.0A, dl/dt = 100A/μs
-
27.2
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
11.5
-
nC
Note :
1. Surface mounted RF4 board with 2oz. Copper. Continuous current at TC=25℃ is silicon limited.
2. EAS is tested at starting Tj =25℃, L = 1.0mH, IAS = 8A, VDD = 15V, VGS = 10V.
3. T < 10sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com