Electronic Components Datasheet Search
  English  ▼

X  

MAS7838 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS7838
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS7838 Datasheet HTML 1Page - Micro Analog systems MAS7838 Datasheet HTML 2Page - Micro Analog systems MAS7838 Datasheet HTML 3Page - Micro Analog systems MAS7838 Datasheet HTML 4Page - Micro Analog systems MAS7838 Datasheet HTML 5Page - Micro Analog systems MAS7838 Datasheet HTML 6Page - Micro Analog systems MAS7838 Datasheet HTML 7Page - Micro Analog systems MAS7838 Datasheet HTML 8Page - Micro Analog systems MAS7838 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DA7838.002
20 September, 2000
5 (9)
)81&7,216
u 7LPLQJ VHOHFWLRQ
The MAS7838 requires clock signals in order to function
properly. The synchronous data transfer always
requires the TXC clock. The clock is used internally for:
-shifting data out from the TX buffer (to pin TDO)
-shifting data into the RX buffer (via pin RDI)
-detection of the bit rate in order to adjust the internal
baud rate generator (only if TSL = 1)
The asynchronous data transfer (pins TDI, TDO) is
accomplished by generating an internal timing signal for
the asychronous circuits. This internal timing signal
(16T) is 16 times the TXC bit rate in order to sample the
asynchronous data stream (TDI) at the proper speed.
$33/,&$7,21 ,1)250$7,21
u 6\QFKURQRXV PRGHP ZLWK DV\QFKURQRXV LQWHUIDFH
The MAS7838 is intended for applications where an
asynchronous and synchronous data source must be
linked together. A typical case appears in a data
modem
where the terminal interface of the modem has been
specified to be asynchronous but the modem data
pump operates in a synchronous fashion.
16 x TXC
TXC
Timing Circuits
MAS 7838
EXTERNALLY GENERATED 16T CLOCK
MAS9138
TXD
RXD
TDI
RDO
INTERFACE
RS232C
MODEM CIRCUITS
PHONE LINE
TDO
TXC
RDI
RXC



Html Pages

1 2 3 4 5 6 7 8 9