Electronic Components Datasheet Search
  English  ▼

X  

MAS7838N Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS7838N
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838N Datasheet(HTML) 6 Page - Micro Analog systems

  MAS7838N Datasheet HTML 1Page - Micro Analog systems MAS7838N Datasheet HTML 2Page - Micro Analog systems MAS7838N Datasheet HTML 3Page - Micro Analog systems MAS7838N Datasheet HTML 4Page - Micro Analog systems MAS7838N Datasheet HTML 5Page - Micro Analog systems MAS7838N Datasheet HTML 6Page - Micro Analog systems MAS7838N Datasheet HTML 7Page - Micro Analog systems MAS7838N Datasheet HTML 8Page - Micro Analog systems MAS7838N Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DA7838.002
20 September, 2000
6 (9)
$33/,&$7,21 ,1)250$7,21
u 6\QFKURQRXV VHULDO LQWHUIDFHZLWK X3LQWHUIDFH
Another application is a synchronous serial interface for uP which uses UART as a data source. The concept is
illustrated below.
u 'DWDPXOWLSOH[HU
A third application is a data multiplexing/demultiplexing
system. The system accepts data from several sources.
These data lines are sampled and the samples are sent
through a multiplexer to a demultiplexer. To accomplish
this, either a very high sample rate is needed or first
convert the data to synchronous mode, where
synchronous multiplexing can be used and only one
sample per data bit is needed.
MAS7838
TDI
RDO
uP INTERFACE
RS232C
MODEM CIRCUITS
PHONE LINE
TDO
TXC
RDI
RXC
Sync Modem
Data Pump
M AS7838
M AS7838
1
1
2
2
N
N
TDI
RDO
M AS7838
M AS7838
TDI
RDO
TDO
TDO
RDI
RDI
FORWARD
BACKWARD
MUX/
DEMUX
MUX/
DEMUX
TIMING
CH 1
CH 2
CH N



Html Pages

1 2 3 4 5 6 7 8 9