Electronic Components Datasheet Search
  English  ▼

X  

MAS7838S-T Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS7838S-T
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838S-T Datasheet(HTML) 3 Page - Micro Analog systems

  MAS7838S-T Datasheet HTML 1Page - Micro Analog systems MAS7838S-T Datasheet HTML 2Page - Micro Analog systems MAS7838S-T Datasheet HTML 3Page - Micro Analog systems MAS7838S-T Datasheet HTML 4Page - Micro Analog systems MAS7838S-T Datasheet HTML 5Page - Micro Analog systems MAS7838S-T Datasheet HTML 6Page - Micro Analog systems MAS7838S-T Datasheet HTML 7Page - Micro Analog systems MAS7838S-T Datasheet HTML 8Page - Micro Analog systems MAS7838S-T Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DA7838.002
20 September, 2000
3 (9)
$%62/87(0$;,0805$7,1*6
(GND = 0V)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
0D[
8QLW
Supply Voltage
VDD
-0.5
5.5
V
Storage Temperature
Ts
-55
+150
oC
5(&200('('23(5$7,21&21',7,216
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Supply Voltage
VDD
4.75
5
5.25
V
Supply Current
IDD
4
6
mA
Operating Temperature
Ta
0
+70
oC
(/(&75,&$/ &+$5$&7(5,67,&6
u ,QSXWV
(test conditions: VDD = +5V, VSS = 0V, 0
OC to 70OC)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Input high voltage
VIH
3.5
V
Input low voltage
VIL
1.1
V
Input leakage current
IIL
-100
pA
Input capacitance load
CI
5pF
Internal pull-up resistor for
digital inputs
Rpull-up
VIN = 0.4v
VIN = 2.5v
350
850
k
u
2XWSXWV
(test conditions: VDD = +5V, VSS = 0V, 0
OC to 70OC)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Output low voltage
VOL
IOL = -0.6mA
0.4
V
Output high voltage
VOH
IOH = 0.4mA
4.6
V
u
'DWD7LPLQJ
(test conditions: VDD = +5V, VSS = 0V, 0
OC to 70OC)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
Low to high logic transition time
tR
CL = 10pF
20
ns
High to low logic transition time
tF
CL = 10pF
20
ns
(test conditions: TSL = 1)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
TDO delay time after TXC
T1
50
TTXC/16+350
ns
RDI set up time before RXC
T2
1/4 TRXC
ns
RDI hold time after RXC
T3
1/4 TRXC
ns
(test conditions: TSL = 0, TMG = 16xTXC)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
TDO delay time after TXC
T1
50
1/TMG+350
ns
RDI set up time before RXC
T2
1/4 TRXC
ns
RDI hold time after RXC
T3
1/4 TRXC
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com