Electronic Components Datasheet Search
  English  ▼

X  

HER201 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HER201
Description  HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER201 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HER201_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. HER201_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. HER201_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
HER20X / UF200X SERIES
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 13-Mar-2017
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE -WAVE
(JEDEC METHOD)
1
50
40
30
20
10
0
60
10
25
20
50
100
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE
60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ = 25°C
PULSE WIDTH 300us
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
10
1.0
0.01
0.1
HER206 - HER208
(UF2006 - UF2008)
HER204 - HER205
(UF2004 - UF2005)
HER201 - HER203
(UF2001 - UF2003)
4
100
10
1.0
40
10
100
REVERSE VOLTAGE ,VOLTS
FIG. 3 – TYPICAL JUNCTION CAPACITANCE
TJ = 25°C f = 1MHz
HER201 - HER205
(UF2001 - UF2005)
HER201 - HER205
(UF2001 - UF2005)
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com