Electronic Components Datasheet Search
  English  ▼

X  

160 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 160
Description  Rugged plastic case
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

160 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  160 Datasheet HTML 1Page - Cornell Dubilier Electronics 160 Datasheet HTML 2Page - Cornell Dubilier Electronics 160 Datasheet HTML 3Page - Cornell Dubilier Electronics 160 Datasheet HTML 4Page - Cornell Dubilier Electronics 160 Datasheet HTML 5Page - Cornell Dubilier Electronics 160 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type 160 Metallized Polyester Radial Lead Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
Cap
Catalog
Inches
Millimeters
(µF)
Part Number
L
T
H
S
Ød
L
T
H
S
Ød
100 Vdc
.10
160104*100C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.12
160124*100C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.15
160154*100C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.18
160184*100C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.22
160224*100D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.27
160274*100D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.33
160334*100E–F
0.512
0.236
0.472
0.394
0.031
13.0
6.0
12.0
10.0
0.8
.33
160334*100F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.39
160394*100E–F
0.512
0.236
0.472
0.394
0.031
13.0
6.0
12.0
10.0
0.8
.39
160394*100F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.47
160474*100E–F
0.512
0.236
0.472
0.394
0.031
13.0
6.0
12.0
10.0
0.8
.47
160474*100F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.56
160564*100G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.68
160684*100G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.82
160824*100H–F
0.709
0.295
0.531
0.591
0.031
18.0
7.5
13.5
15.0
0.8
1.0
160105*100H–F
0.709
0.295
0.531
0.591
0.031
18.0
7.5
13.5
15.0
0.8
1.5
160155*100M–F
1.043
0.276
0.650
0.886
0.031
26.5
7.0
16.5
22.5
0.8
2.2
160225*100N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
3.3
160335*100O–F
1.043
0.394
0.748
0.886
0.031
26.5
10.0
19.0
22.5
0.8
4.7
160475*100P–F
1.260
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
6.8
160685*100Q–F
1.260
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
10.0
160106*100S–F
1.457
0.709
1.299
1.083
0.031
37.0
18.0
33.0
27.5
0.8
160 Vdc
.10
160104*160C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
250 Vdc
.033
160333*250C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.039
160393*250C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.047
160473*250C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.056
160563*250C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.068
160683*250C–F
0.512
0.157
0.374
0.394
0.031
13.0
4.0
9.5
10.0
0.8
.082
160823*250D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.10
160104*250D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.10
160104*250F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.12
160124*250D–F
0.512
0.236
0.472
0.394
0.031
13.0
6.0
12.0
10.0
0.8
.12
160124*250F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.15
160154*250E–F
0.512
0.236
0.472
0.394
0.031
13.0
6.0
12.0
10.0
0.8
.15
160154*250F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.18
160184*250E–F
0.512
0.236
0.472
0.394
0.031
13.0
6.0
12.0
10.0
0.8
.18
160184*250F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.22
160224*250F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.27
160274*250G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.33
160334*250G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.39
160394*250H–F
0.709
0.295
0.531
0.591
0.031
18.0
7.5
13.5
15.0
0.8
.47
160474*250H–F
0.709
0.295
0.531
0.591
0.031
18.0
7.5
13.5
15.0
0.8
.47
160474*250L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.56
160564*250I–F
0.709
0.335
0.571
0.591
0.031
18.0
8.5
14.5
15.0
0.8
.56
160564*250M–F
1.043
0.276
0.650
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.68
160684*250I–F
0.709
0.335
0.571
0.591
0.031
18.0
8.5
14.5
15.0
0.8
.68
160684*250M–F
1.043
0.276
0.650
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.82
160824*250M–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
RoHS Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com