Electronic Components Datasheet Search
  English  ▼

X  

MBRB735 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRB735
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB735 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRB735 Datasheet HTML 1Page - Vishay Siliconix MBRB735 Datasheet HTML 2Page - Vishay Siliconix MBRB735 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR7xx, MBRF7xx & MBRB7xx Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88680
www.vishay.com
03-Mar-03
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Case Temperature (
°C)
Fig. 1 – Forward Current
Derating Curve
Fig. 3 – Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 – Typical Reverse
Characteristics
Fig. 6 – Typical Transient Thermal
Impedance
1
10
100
50
25
75
100
125
150
175
Number of Cycles at 60 HZ
t, Pulse Duration (sec.)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.01
0.1
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0
1
10
50
TJ = 125
°C
TJ = 25
°C
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.001
0.01
0.1
1
10
50
MBR735 - MBR745
MBR750 & MBR760
TJ = 25
°C
TJ = 75
°C
TJ = 125
°C
0.1
1
10
100
40
100
1,000
4,000
Reverse Voltage (V)
Fig. 5 – Typical Junction
Capacitance
TJ = 25°C
f = 1.0MHZ
Vsig = 50MVp-p
0.01
0.1
1
10
100
0.1
1
10
100
0
50
100
150
0
2
4
6
8
10
Resistive or Inductive Load
MBR735 - MBR745
MBR750 & MBR760
MBR735 - MBR745
MBR750 & MBR760
MBR735 - MBR745
MBR750 & MBR760



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com