Electronic Components Datasheet Search
  English  ▼

X  

MBR20100CT Datasheet(PDF) 7 Page - International Rectifier

Part # MBR20100CT
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR20100CT Datasheet(HTML) 7 Page - International Rectifier

  MBR20100CT Datasheet HTML 1Page - International Rectifier MBR20100CT Datasheet HTML 2Page - International Rectifier MBR20100CT Datasheet HTML 3Page - International Rectifier MBR20100CT Datasheet HTML 4Page - International Rectifier MBR20100CT Datasheet HTML 5Page - International Rectifier MBR20100CT Datasheet HTML 6Page - International Rectifier MBR20100CT Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBR20...CT, MBRB20...CT, MBR20...CT-1
Bulletin PD-2.321 rev. I 08/02
7
www.irf.com
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
B = Surface Mount
None = TO-220
3
-
Current Rating
4
-
Voltage code: Code = V
RRM
5
-
CT = Essential Part Number
6
-
-1 = TO-262
None = TO-220
080 = 80V
090 = 90V
100 = 100V
MBR
B
20
100
CT
-1
6
Marking Information
EXAMPLE: THIS IS AN MBRB20100CT
58 07
MBRB20100CT
9712
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
DATE CODE (YYWW)
YY=YEAR
WW = WEEK
ASSEMBLY
LOT CODE
2 (K)
1(A)
3(A)
2 (K)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 08/02
Data and specifications subject to change without notice.
This product has been designed and qualified for
Industrial Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com