Electronic Components Datasheet Search
  English  ▼

X  

AFK-V Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # AFK-V
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK-V Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  AFK-V Datasheet HTML 1Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 2Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 3Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 4Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 5Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 6Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 7Page - Cornell Dubilier Electronics AFK-V Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AFK_V, –55 °C to 105 °C, High Vibration
Type AFK_V, –55 °C to 105 °C, High Vibration
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
mm
Case Code Case Dia. A
B
C
D
E
F
G
H
E
8
1.8
4.1
5.0
1.3
1.5
1.4
1.5
2.0
F
8
2.7
4.0
4.7
1.3
1.0
1.7
1.1
2.5
G
10
3.9
4.4
4.7
1.3
1.2
1.9
1.1
2.5
H
12.5
3.9
6.0
6.9
2.8
1.3
1.9
2.2
2.5
P
16
5.8
6.8
6.2
3.6
1.3
1.9
1.7
2.8
R
18
5.8
7.3
6.2
3.6
1.8
1.9
1.7
2.8
mm
Case Size
Case
Code
W ± 0.3
A ± 0.2
B +0.3/-
0.2
C ±
0.2
F ±
0.1
P ±
0.1
t1
t2 ±
0.2
φd
+0.1/-0
P1 ±
0.1
P2 ±
0.1
W1 ±
0.1
8 x6.2
E
16
8.7
8.7
11.4
7.5
12
0.4
6.8
1.5
2
4
1.75
8 x 10.2
F
24
8.7
8.7
12.5
11.5
16
11
10 x 10.2
G
10.7
10.7
14.5
-
+
C
G
G
H
F
D
E
A
B
mm
Case Size
Case
Code
W ±0.3
A ±0.5
B ±0.5
C±0.5
F ±0.1
S ± 0.1
P ±0.1
t1
t2±0.2 φd +0.1/-0 P1 ±0.1 P2 ±0.1
12.5 x 13.5
H
32
14.0
14.0
18.0
14.2
28.4
24
0.5
14.5
1.5
2
4
16 x 16.5
P
44
17.5
17.5
23.00
20.2
40.4
28
17.5
18 x 16.5
R
19.5
19.5
26.00
32
Case Code E, F and G Tape Dimensions
Recommended Land Dimensions
Case Code H, P and R Tape Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com